Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5946RHBT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5946RHBT
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5946RHBT Fiches technique(HTML) 3 Page - Texas Instruments

  TLC5946RHBT Datasheet HTML 1Page - Texas Instruments TLC5946RHBT Datasheet HTML 2Page - Texas Instruments TLC5946RHBT Datasheet HTML 3Page - Texas Instruments TLC5946RHBT Datasheet HTML 4Page - Texas Instruments TLC5946RHBT Datasheet HTML 5Page - Texas Instruments TLC5946RHBT Datasheet HTML 6Page - Texas Instruments TLC5946RHBT Datasheet HTML 7Page - Texas Instruments TLC5946RHBT Datasheet HTML 8Page - Texas Instruments TLC5946RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
RECOMMENDED OPERATING CONDITIONS
TLC5946
www.ti.com .......................................................................................................................................................... SLVS824B – MARCH 2008 – REVISED JUNE 2008
At TA= –40°C to +85°C, unless otherwise noted.
TLC5946
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUT0 to OUT15
17
V
VIH
High-level input voltage
0.7 × VCC
VCC
V
VIL
Low-level input voltage
GND
0.3 × VCC
V
IOH
High-level output current
SOUT
–1
mA
SOUT
1
mA
IOL
Low-level output current
XERR
5
mA
IOLC
Constant output sink current
OUT0 to OUT15, DC = 3Fh
4
40
mA
Operating free-air temperature
TA
–40
+85
°C
range
TJ
Operating junction temperature
–40
+125
°C
AC Characteristics: VCC = 3 V to 5.5 V
SCLK, XHALF = H
30
MHz
fCLK (sclk)
Data shift clock frequency
GSCLK, XHALF = L
15
MHz
fCLK (gsclk)
Grayscale control clock frequency
GSCLK
33
MHz
TWH0 / TWL0
SCLK pulse duration
SCLK = H/L (see Figure 12)
10
ns
TWH1 / TWL1
GSCLK pulse duration
GSCLK = H/L (see Figure 12)
10
ns
TWH2
XLAT pulse duration
XLAT = H (see Figure 12)
20
ns
TWH3
BLANK pulse duration
BLANK = H (see Figure 12)
20
ns
TSU0
SIN–SCLK
↑ (see Figure 12)
5
ns
XLAT
↑–SCLK↑
TSU1
100
ns
(see Figure 38, Figure 12)
TSU2
MODE–SCLK
↑ (see Figure 12)
10
ns
TSU3
Setup time
MODE–XLAT
↑ (see Figure 12)
10
ns
TSU4
BLANK
↓–GSCLK↑ (see Figure 12)
10
ns
TSU5
XLAT
↑–GSCLK↑ (see Figure 12)
30
ns
SCLK
↓–XLAT↑
TSU6
10
ns
(see Figure 38, Figure 12)
TH0
SIN–SCLK
↑ (see Figure 12)
3
ns
TH1
Hold time
MODE–SCLK
↓ (see Figure 12)
10
ns
TH2
MODE–XLAT
↑ (see Figure 12)
100
ns
AC Characteristics: VCC = 3 V to 5.5 V, XHALF = L
TWL2
XLAT pulse duration
XLAT = L (see Figure 38)
20
ns
TSU7
Setup time
BLANK
↑–XLAT↑ (see Figure 38)
20
ns
TH3
Hold time
BLANK
↓–XLAT↓ (see Figure 38)
20
ns
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5946


Numéro de pièce similaire - TLC5946RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5946RHBT TI1-TLC5946RHBT Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946RHBT TI1-TLC5946RHBT Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946RHBTG4 TI1-TLC5946RHBTG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946RHBTG4 TI1-TLC5946RHBTG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Description similaire - TLC5946RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com