Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2061DRG4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS2061DRG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2061DRG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2061DRG4 Datasheet HTML 1Page - Texas Instruments TPS2061DRG4 Datasheet HTML 2Page - Texas Instruments TPS2061DRG4 Datasheet HTML 3Page - Texas Instruments TPS2061DRG4 Datasheet HTML 4Page - Texas Instruments TPS2061DRG4 Datasheet HTML 5Page - Texas Instruments TPS2061DRG4 Datasheet HTML 6Page - Texas Instruments TPS2061DRG4 Datasheet HTML 7Page - Texas Instruments TPS2061DRG4 Datasheet HTML 8Page - Texas Instruments TPS2061DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
SLVS490G – DECEMBER 2003 – REVISED JULY 2008 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 1 A, VI(ENx) = 0 V, or VI(ENx) = 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
ENABLE INPUT EN OR EN
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
0.8
II
Input current
VI(ENx) = 0 V or 5.5 V, VI(ENx) = 0 V or 5.5 V
-0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL = 5 Ω
3
ms
toff
Turnoff time
CL = 100 µF, RL = 5 Ω
10
CURRENT LIMIT
TJ = 25°C
1.1
1.5
1.9
VI(IN) = 5 V, OUT connected to GND,
IOS
Short-circuit output current
A
device enabled into short-circuit
-40°C
≤ TJ ≤ 125°C
1.1
1.5
2.1
TPS2061, TPS2062,
1.6
2.3
2.7
TPS2065, TPS2066
IOC_TRIP
Overcurrent trip threshold
VI(IN) = 5 V, current ramp (≤ 100 A/s) on OUT
A
TPS2063, TPS2067
1.6
2.4
3.0
SUPPLY CURRENT (TPS2061, TPS2065)
TJ = 25°C
0.5
1
No load on OUT, VI(ENx) = 5.5 V,
Supply current, low-level output
µA
or VI(ENx) = 0 V
-40°C
≤ TJ ≤ 125°C
0.5
5
TJ = 25°C
43
60
No load on OUT, VI(ENx) = 0 V,
Supply current, high-level output
µA
or VI(ENx) = 5.5 V
-40°C
≤ TJ ≤ 125°C
43
70
OUT connected to ground, VI(EN) = 5.5 V,
Leakage current
-40°C
≤ TJ ≤ 125°C
1
µA
or VI(EN) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
TJ = 25°C
0
µA
SUPPLY CURRENT (TPS2062, TPS2066)
TJ = 25°C
0.5
1
No load on OUT, VI(ENx) = 5.5 V,
Supply current, low-level output
µA
or VI(ENx) = 0 V
-40°C
≤ TJ ≤ 125°C
0.5
5
TJ = 25°C
50
70
No load on OUT, VI(ENx) = 0 V,
Supply current, high-level output
µA
or VI(ENx) = 5.5 V
-40°C
≤ TJ ≤ 125°C
50
90
OUT connected to ground, VI(/ENx) = 5.5 V,
Leakage current
-40°C
≤ TJ ≤ 125°C
1
µA
or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
TJ = 25°C
0.2
µA
SUPPLY CURRENT (TPS2063, TPS2067)
TJ = 25°C
0.5
2
Supply current, low-level output
No load on OUT, VI(ENx) = 0 V
µA
-40°C
≤ TJ ≤ 125°C
0.5
10
TJ = 25°C
65
90
Supply current, high-level output
No load on OUT, VI(ENx) = 5.5 V
µA
-40°C
≤ TJ ≤ 125°C
65
110
OUT connected to ground, VI(ENx) = 5.5 V,
Leakage current
-40°C
≤ TJ ≤ 125°C
1
µA
or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, INx = ground
TJ = 25°C
0.2
µA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN
2
2.5
V
Hysteresis, IN
TJ = 25°C
75
mV
OVERCURRENT OC1 and OC2
Output low voltage, VOL(OCx)
IO(OCx) = 5 mA
0.4
V
Off-state current
VO(OCx) = 5 V or 3.3 V
1
µA
OC deglitch
OCx assertion or deassertion
4
8
15
ms
THERMAL SHUTDOWN(3)
Thermal shutdown threshold
135
°C
Recovery from thermal shutdown
125
°C
Hysteresis
10
°C
(3)
The thermal shutdown only reacts under overcurrent conditions.
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2061 TPS2062 TPS2063 TPS2065 TPS2066 TPS2067


Numéro de pièce similaire - TPS2061DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2061DRG4 TI-TPS2061DRG4 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2061DRG4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com