Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD16NE06L-1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STD16NE06L-1
Description  N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NE06L-1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STD16NE06L-1 Datasheet HTML 1Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 2Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 3Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 4Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STD16NE06L-1
N - CHANNEL 60V - 0.07
Ω - 16A - TO-251
STripFET
™ " POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.07
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
"Single
Feature
Size
™ " strip-based process. The resulting tran-
sistor shows extremely high packing density for
low on-resistance, rugged avalanche charac-
teristics and less critical alignment steps therefore
a remarkable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
July 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
o C16
A
ID
Drain Current (continuous) at Tc = 100
oC11
A
IDM(
•)
Drain Current (pulsed)
64
A
Ptot
Total Dissipation at Tc = 25
oC40
W
Derating Factor
0.3
W/
oC
dv/dt
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤16 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STD16NE06L-1
60 V
< 0.085
16 A
3
2
1
DPAK
TO-251
(Suffix "T4")
1/5


Numéro de pièce similaire - STD16NE06L-1

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
STD16NE06L-1 VBSEMI-STD16NE06L-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Description similaire - STD16NE06L-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
   N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
   N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
   N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com