Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40132RHBTG4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS40132RHBTG4
Description  TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40132RHBTG4 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS40132RHBTG4 Datasheet HTML 1Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 2Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 3Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 4Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 5Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 6Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 7Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 8Page - Texas Instruments TPS40132RHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
TPS40132
SLUS776A – DECEMBER 2007 – REVISED FEBRUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
TA = -40°C to 85°C, VIN = 5.0 V, VDD = 12.0 V, RRT = 64.9 kΩ, TJ = TA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START
32 clocks after EN/SYNC before SS current
ISS
Soft-start source current
3.0
5.0
7.0
µA
begins
RSS
Soft-start pull down resistance
500
VSS
Fault enable threshold voltage
0.95
1.00
1.05
V
CURRENT SENSE AMPLIFIER
Input offset voltage
CS1, CS2
-15
-3
10
mV
Gain transfer to PWM comparator
-100 mV
≤ VCS≤ 100 mV, VCSRT = 1.5 V
5
V/V
Gain variance between phases
VCS - VCSRTn = 100 mV
-6%
0
6%
Input offset variance between
VCS = 0 V
-6
0
6
mV
phases
Input common mode (2)
0
1
VBP8-0.7
V
Bandwidth(2)
18
MHz
DIFFERENTIAL AMPLIFIER
Gain
1
V/V
Gain tolerance
VOUT = 5.5 V vs VOUT = 0.6 V, VGSNS = 0 V
-0.5%
0.5%
CMRR
Common mode rejection ratio
0.6 V
≤ VOUT ≤ 5.5 V
50
dB
Output source current
VOUT - VGSNS = 2.0 V, VDIFFO ≥ 1.95 V
2
4
mA
Output sink current
VOUT - VGSNS = 2.0 V, VDIFFO ≥ 2.05 V
2
4
Bandwidth(2)
5
MHz
Input impedance, non-inverting(2)
VOUT to GND
40
k
Input impedance, inverting(2)
VGSNS to VDIFFO
40
GATE DRIVERS
Source on-resistance, HDRV1,
VBOOT1 = 5 V, VBOOT2 = 5 V, VSW1 = 0 V,
1.0
2.0
3.5
HDRV2
VSW2 = 0 V, Sourcing 100 mA
VBOOT1 = 5 V, VBOOT2 = 5 V, VVIN5 = 5 V,
Sink on-resistance, HDRV1, HDRV2
0.5
1.0
2.0
VSW1 = 0 V, VSW2 = 0 V, Sinking 100 mA
Source on-resistance, LDRV1,
VVIN5 = 5 V, VSW1 = 0 V, VSW2 = 0 V,
1
2
3.5
LDRV2
Sourcing 100 mA
VVIN5 = 5 V, VSW1 = 0 V, VSW2 = 0 V,
Sink on-resistance, LDRV1, LDRV2
0.30
0.75
1.50
Sinking 100 mA
tRISE
Rise time, HDRV(2)
CLOAD = 3.3 nF
25
75
tFALL
Fall time, HDRV(2)
CLOAD = 3.3 nF
25
75
tRISE
Rise time, LDRV(2)
CLOAD = 3.3 nF
25
75
tFALL
Fall time, LDRV(2)
CLOAD = 3.3 nF
25
60
ns
SW falling to LDRV rising
50
tDEAD
Dead time(2)
LDRV falling to SW rising
30
tON
Minimum controllable on-time(2)
CLOAD = 3.3 nF
150
OUTPUT UNDERVOLTAGE FAULT
VFB relative to GND
480
504
522
mV
Undervoltage fault threshold
VFB relative to VVREF
-20%
-16%
-13%
OUTPUT OVERVOLTAGE SET
VOVSET relative to GND
660
675
690
mV
Overvoltage threshold
VOVSET relative to VVREF
10%
12.5%
15%
(2)
Ensured by design. Not production tested.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS40132


Numéro de pièce similaire - TPS40132RHBTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
More results

Description similaire - TPS40132RHBTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com