Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2358 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2358
Description  TPS2358 Dual-Slot ATCA AdvancedMC??Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2358 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2358 Datasheet HTML 1Page - Texas Instruments TPS2358 Datasheet HTML 2Page - Texas Instruments TPS2358 Datasheet HTML 3Page - Texas Instruments TPS2358 Datasheet HTML 4Page - Texas Instruments TPS2358 Datasheet HTML 5Page - Texas Instruments TPS2358 Datasheet HTML 6Page - Texas Instruments TPS2358 Datasheet HTML 7Page - Texas Instruments TPS2358 Datasheet HTML 8Page - Texas Instruments TPS2358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DEVICE INFORMATION
SIGNAL AND PIN NAMING BLOCK
TPS2358 Block Diagrams
+
+
+
+
R
SENSE
100mv
vthoc-675mvnominal
Q
Pump
Vcp
~25v
Fault
Timer
Vcp
30uA
12dis
10us
C
T
R
SUM
6810
FLT12x\
10mv
-3mv
S
Q
Q
R
PG12x\
10us
pgat\
ogat
ogat
OUT12x
BLKx
PASSx
SETx
SENMx
SENPx
100
us
IN12x
OUT
vpg
OUT12x
pgat\
oren
30uA
R
SET
EN12x\
SUM12x
CT12x
TPS2358
www.ti.com ................................................................................................................................................... SLUS820D – FEBRUARY 2008 – REVISED JUNE 2008
The PICMG™ AdvancedMC™ specification refers to 3.3-V power as management power and refers to 12-V
power as payload power. This datasheet uses a naming convention that reflects the associated voltage (12 V to
3 V) and AdvancedMC™ slot (A or B).
• Signals and pins associated with slot A 12-V payload power end with 12A.
• Signals and pins associated with slot A 3.3-V management power end with 3A.
• Signals and pins associated with slot B 12-V payload power end with 12B.
• Signals and pins associated with slot B 3.3-V management power end with 3B.
Pins and signals unique to 12-V channels have only an A or B suffix.
Figure 1. 12-V Channel Circuitry
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2358


Numéro de pièce similaire - TPS2358

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
More results

Description similaire - TPS2358

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
Advantech Co., Ltd.
ATCA-7310 ADVANTECH-ATCA-7310 Datasheet
1Mb / 1P
   Dual CN6880 ATCA Node Blade with 40GbE Switch
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
   ATCA Board Power Input Modules
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Intersil Corporation
ISL6112 INTERSIL-ISL6112 Datasheet
671Kb / 31P
   Dual Slot PCI-Express Power Controller
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com