Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD12NF06L Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STD12NF06L
Description  N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06L Fiches technique(HTML) 3 Page - STMicroelectronics

  STD12NF06L Datasheet HTML 1Page - STMicroelectronics STD12NF06L Datasheet HTML 2Page - STMicroelectronics STD12NF06L Datasheet HTML 3Page - STMicroelectronics STD12NF06L Datasheet HTML 4Page - STMicroelectronics STD12NF06L Datasheet HTML 5Page - STMicroelectronics STD12NF06L Datasheet HTML 6Page - STMicroelectronics STD12NF06L Datasheet HTML 7Page - STMicroelectronics STD12NF06L Datasheet HTML 8Page - STMicroelectronics STD12NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STD12NF06L
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•)Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 30 V
ID = 6 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 3)
10
35
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 48 V ID = 12 A VGS= 5V
7.5
2.5
3.0
10
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 30 V
ID = 6 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 3)
20
13
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM ()
Source-drain Current
Source-drain Current (pulsed)
12
48
A
A
VSD (*)
Forward On Voltage
ISD = 12 A
VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 12 A
di/dt = 100A/µs
VDD = 16 V
Tj = 150°C
(see test circuit, Figure 5)
50
67
2.5
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)
Safe Operating Area
Thermal Impedance


Numéro de pièce similaire - STD12NF06L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06L-1 STMICROELECTRONICS-STD12NF06L-1 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD12NF06L-1 DOINGTER-STD12NF06L-1 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD12NF06L-1 VBSEMI-STD12NF06L-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
More results

Description similaire - STD12NF06L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
STD10PF06-1 STMICROELECTRONICS-STD10PF06-1 Datasheet
299Kb / 9P
   P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06_09 Datasheet
341Kb / 14P
   N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com