Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGB19NC60HD Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STGB19NC60HD
Description  19 A - 600 V - very fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB19NC60HD Fiches technique(HTML) 1 Page - STMicroelectronics

  STGB19NC60HD Datasheet HTML 1Page - STMicroelectronics STGB19NC60HD Datasheet HTML 2Page - STMicroelectronics STGB19NC60HD Datasheet HTML 3Page - STMicroelectronics STGB19NC60HD Datasheet HTML 4Page - STMicroelectronics STGB19NC60HD Datasheet HTML 5Page - STMicroelectronics STGB19NC60HD Datasheet HTML 6Page - STMicroelectronics STGB19NC60HD Datasheet HTML 7Page - STMicroelectronics STGB19NC60HD Datasheet HTML 8Page - STMicroelectronics STGB19NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2008
Rev 3
1/18
18
STGB19NC60HD - STGF19NC60HD
STGP19NC60HD - STGW19NC60HD
19 A - 600 V - very fast IGBT
Features
Low on-voltage drop (VCE(sat))
Low CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery anti-parallel diode
Applications
High frequency motor controls
SMPS and PFC in both hard switch and
resonant topologies
Motor drives
Description
This IGBT utilizes the advanced Power MESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
Figure 1.
Internal schematic diagram
1
3
1
2
3
D²PAK
TO-220
1
2
3
1
2
3
TO-247
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGB19NC60HDT4
GB19NC60HD
D²PAK
Tape and reel
STGF19NC60HD
GF19NC60HD
TO-220FP
Tube
STGP19NC60HD
GP19NC60HD
TO-220
Tube
STGW19NC60HD
GW19NC60HD
TO-247
Tube
www.st.com


Numéro de pièce similaire - STGB19NC60HD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB19NC60HDT4 STMICROELECTRONICS-STGB19NC60HDT4 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
More results

Description similaire - STGB19NC60HD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com