Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD139-10 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BD139-10
Description  Complementary low voltage transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD139-10 Fiches technique(HTML) 4 Page - STMicroelectronics

  BD139-10 Datasheet HTML 1Page - STMicroelectronics BD139-10 Datasheet HTML 2Page - STMicroelectronics BD139-10 Datasheet HTML 3Page - STMicroelectronics BD139-10 Datasheet HTML 4Page - STMicroelectronics BD139-10 Datasheet HTML 5Page - STMicroelectronics BD139-10 Datasheet HTML 6Page - STMicroelectronics BD139-10 Datasheet HTML 7Page - STMicroelectronics BD139-10 Datasheet HTML 8Page - STMicroelectronics BD139-10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
BD135 - BD136 - BD139 - BD140
4/9
2
Electrical characteristics
(Tcase= 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Polarity
Test conditions
Value
Unit
Min. Typ. Max.
ICBO
Collector cut-off
current (IE=0)
NPN
VCB = 30 V
VCB = 30 V, TC = 125 °C
0.1
10
µA
µA
PNP
VCB = -30 V
VCB = -30 V, TC = 125 °C
-0.1
-10
µA
µA
IEBO
Emitter cut-off current
(IC=0)
NPN
VEB = 5 V
10
µA
PNP
VEB = -5 V
-10
µA
VCEO(sus)
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Collector-emitter
sustaining voltage
(IB=0)
NPN
IC = 30 mA
BD135
BD139
45
80
V
V
PNP
IC = -30 mA
BD136
BD140
-45
-80
V
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
NPN
IC = 0.5 A, IB = 0.05 A
0.5
V
PNP
IC = -0.5 A, IB = -0.05 A
-0.5
V
VBE
(1)
Base-emitter voltage
NPN
IC = 0.5 A, VCE = 2 V
1
V
PNP
IC = -0.5 A, VCE = -2 V
-1
V
hFE
(1)
DC current gain
NPN
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V
IC = 0.5 A, VCE = 2 V
25
40
25
250
PNP
IC = -5 mA, VCE = -2 V
IC = -150 mA, VCE = -2 V
IC = -0.5 A, VCE = -2 V
25
40
25
250
hFE
(1)
hFE groups
NPN
IC = 150 mA, VCE = 2 V
BD139-10
BD135-16/BD139-16
63
100
160
250
PNP
IC = -150 mA, VCE = -2 V
BD140-10
BD136-16/BD140-16
63
100
160
250


Numéro de pièce similaire - BD139-10

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BD139-10 PHILIPS-BD139-10 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BD139-10 SIEMENS-BD139-10 Datasheet
185Kb / 5P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD139-10 STMICROELECTRONICS-BD139-10 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
BD139-10 STMICROELECTRONICS-BD139-10 Datasheet
158Kb / 9P
   Complementary low voltage transistor
logo
SeCoS Halbleitertechnol...
BD139-10 SECOS-BD139-10 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
More results

Description similaire - BD139-10

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD139 STMICROELECTRONICS-BD139 Datasheet
158Kb / 9P
   Complementary low voltage transistor
BD135 STMICROELECTRONICS-BD135_V01 Datasheet
148Kb / 9P
   Complementary low voltage transistor
May 2008
logo
Central Semiconductor C...
CMLT5554 CENTRAL-CMLT5554_15 Datasheet
510Kb / 3P
   COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
CMPTA42 CENTRAL-CMPTA42 Datasheet
110Kb / 2P
   SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
STMicroelectronics
MJD360T4-A STMICROELECTRONICS-MJD360T4-A Datasheet
92Kb / 7P
   Low voltage complementary power transistors
logo
Continental Device Indi...
CC5551 CDIL-CC5551 Datasheet
50Kb / 4P
   NPN COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTDB2M832 DIODES-ZXTDB2M832 Datasheet
270Kb / 8P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
logo
Central Semiconductor C...
CMLT2207 CENTRAL-CMLT2207_15 Datasheet
512Kb / 3P
   COMPLEMENTARY TRANSISTOR
CZTA42 CENTRAL-CZTA42 Datasheet
72Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com