Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54331 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Error
Amplifier
RQ
S
Boot
Charge
Boot
UVLO
Current
Sense
Oscillator
Frequency
Shift
Gate
Drive
Logic
Slope
Compensation
PWM
Latch
PWM
Comparator
ECO-MODE
MinimumClamp
Maximum
Clamp
Voltage
Reference
Discharge
Logic
VSENSE
COMP
PH
BOOT
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
S
1.25V
0.8V
80mW
165 C
2.1V
12 A/V
SS
Shutdown
VSENSE
1 A
m
3 A
m
gm=92 A/V
DCgain=800V/V
BW=2.7MHz
m
2kW
2 A
m
TYPICAL CHARACTERISTICS
CHARACTERIZATION CURVES
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
0
1
2
3
4
3
8
13
18
23
28
V -InputVoltage-V
I
EN=0V
T =150°C
J
T =25°C
J
T =-40°C
J
550
555
560
565
570
575
580
585
590
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
TPS54331
www.ti.com ....................................................................................................................................................................................................... SLVS839 – JULY 2008
FUNCTIONAL BLOCK DIAGRAM
ON RESISTANCE
SHUTDOWN QUIESCENT CURRENT
SWITCHING FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54331


Numéro de pièce similaire - TPS54331

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
879Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54331 TI1-TPS54331 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54331 TI1-TPS54331 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
More results

Description similaire - TPS54331

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54531 TI1-TPS54531 Datasheet
1Mb / 27P
[Old version datasheet]   5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54232 TI-TPS54232 Datasheet
945Kb / 24P
[Old version datasheet]   2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54331 TI-TPS54331_1 Datasheet
879Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com