Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K100N50X4 Fiches technique(PDF) 1 Page - Anaren Microwave

No de pièce K100N50X4
Description  Half Flange Termination 100 Watts, 50廓
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

K100N50X4 Fiches technique(HTML) 1 Page - Anaren Microwave

  K100N50X4 Datasheet HTML 1Page - Anaren Microwave K100N50X4 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model K100N50X4
Features:
• RoHS Compliant
• 100 Watts
• DC – 3.0 GHz
• AlN Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
100% Tested
Half Flange Termination
100 Watts, 50
Ω
Description
The K100N50X4 is high performance Aluminum Nitride (AlN) half flange
termination intended as a cost competitive alternative to Beryllium Oxide
(BeO). The termination is well suited to all cellular frequency bands such
as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling
makes the part ideal for terminating circulators, and for use in power
combiners. The termination is also RoHS compliant!
General Specifications
Resistive Element
Thick Film
Substrate
AlN Ceramic
Cover
Alumina Ceramic
Mounting Flange
Copper, nickel plated per QC-N-290
Leads
99% pure silver (.006” thick)
Tolerance is
±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Resistance Value:
50 Ohms,
± 2%
Power:
100 Watts
Frequency Range:
DC – 3.0GHz
V.S.W.R.
1.25 : 1
Specification based on unit properly installed using suggested mounting instructions
and a 50 ohm nominal impedance. Storage temperature is -20°C to 85 ºC . Operating
temperature is -55ºC to 125ºC (see chart for derating temperatures). Specifications
subject to change with out notice.
Outline Drawing
Note: All dimensions in inches – 1inch = 2.54cm. Lead Length: 0.150in min.
K100N50X4 (097) Rev D.
ROHS
Compliant


Numéro de pièce similaire - K100N50X4

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
K100N50X4B ANAREN-K100N50X4B Datasheet
279Kb / 2P
   100 Watts
More results

Description similaire - K100N50X4

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
I100N50X4 ANAREN-I100N50X4 Datasheet
165Kb / 2P
   Flange Mount Termination 100 Watts, 50廓
G250N50W4 ANAREN-G250N50W4 Datasheet
86Kb / 3P
   Flange Termination 250 Watts, 50廓
J100N50X4 ANAREN-J100N50X4 Datasheet
182Kb / 2P
   Half Flange Termination 100 Watts, 50W
G150N50W4A ANAREN-G150N50W4A Datasheet
316Kb / 2P
   Flange Mount Termination 150 Watts, 50廓
G200N50W4 ANAREN-G200N50W4 Datasheet
133Kb / 3P
   Flange Mount Termination 200 Watts, 50廓
C100N50Z4A ANAREN-C100N50Z4A Datasheet
182Kb / 3P
   Surface Mount Termination 100 Watts, 50廓
C100N50Z4 ANAREN-C100N50Z4 Datasheet
313Kb / 2P
   Surface Mount Termination 100 Watts, 50廓
RFP-20-50TPC-S ANAREN-RFP-20-50TPC-S Datasheet
248Kb / 2P
   Half Flange Termination 20 Watts, 50W
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4 Datasheet
390Kb / 2P
   Surface Mount Termination 50 Watts, 50廓
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com