Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMM4P15K-F Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce DMM4P15K-F
Description  Polyester Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DMM4P15K-F Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  DMM4P15K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers DMM4P15K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type DMM Polyester Film Capacitors
Ratings
RoHS Compliant
Metallized
Radial Leads
Specifications
DC Applications
Self Healing
Voltage Range: 100-630 Vdc (65-250 Vac, 60 Hz)
Capacitance Range: .01-10 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 150% (1 minute)
Dissipation Factor: 1% Max. (25 °C, 1 kHz)
Insulation Resistance: 5,000 Mx µF
10,000 MMin.
Life Test: 1,000 Hours at 85 °C at
125% Rated Voltage
NOTE: Other capacitance values, sizes and
performance specifications are available. Contact
us.
Type DMM radial-leaded, metallized polyester capacitors
have non-inductive windings and multi-layered epoxy
resin enhancing performace characteristics and humidity
resistance. Self healing characteristics prevent permanent
shorting due to high-voltage transients. When long life and
performance stability are critical Type DMM is the ideal
solution.
Cap.
(µF)
Catalog
Part Number
T Max.
Inches (mm)
H Max.
Inches (mm)
L Max.
Inches (mm)
S ±.06 (±1.5)
Inches (mm)
d
Inches (mm)
100 Vdc (65 Vac)
0.15 DMM1P15K–F
0.236 (6.0) 0.394 (10.0) 0.551 (14.0) 0.394 (10.0) 0.024 (0.6)
0.22 DMM1P22K–F
0.236 (6.0) 0.414 (10.5) 0.551 (14.0) 0.394 (10.0) 0.024 (0.6)
0.33 DMM1P33K–F
0.236 (6.0) 0.414 (10.5) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
0.47 DMM1P47K–F
0.236 (6.0) 0.473 (12.0) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
0.68 DMM1P68K–F
0.276 (7.0) 0.551 (14.0) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
1.00 DMM1W1K–F
0.354 (9.0) 0.591 (15.0) 0.709 (18.0) 0.591 (15.0) 0.032 (0.8)
1.50 DMM1W1P5K–F 0.354 (9.0) 0.670 (17.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
2.20 DMM1W2P2K–F 0.433 (11.0) 0.788 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
3.30 DMM1W3P3K–F 0.453 (11.5) 0.788 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
4.70 DMM1W4P7K–F 0.512 (13.0) 0.906 (23.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
6.80 DMM1W6P8K–F 0.630 (16.0) 1.024 (26.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
10.00 DMM1W10K–F
0.709 (18.0) 1.221 (31.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
250 Vdc (160 Vac)
0.07 DMM2S68K–F
0.236 (6.0) 0.394 (10.0) 0.551 (14.0) 0.390 (10.0) 0.024 (0.6)
0.10 DMM2P1K–F
0.276 (7.0) 0.394 (10.0) 0.551 (14.0) 0.390 (10.0) 0.024 (0.6)
0.15 DMM2P15K–F
0.276 (7.0) 0.433 (11.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.22 DMM2P22K–F
0.276 (7.0) 0.473 (12.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.33 DMM2P33K–F
0.276 (7.0) 0.512 (13.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.47 DMM2P47K–F
0.315 (8.0) 0.591 (15.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
0.68 DMM2P68K–F
0.354 (9.0) 0.610 (15.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
Pulse Capability
Body Length
Rated
Volts
0.55
0.71
0.94
1.024-1.220
1.38
dV/dt—volts per microsecond, maximum
100
20
12
8
6
250
28
17
12
8
7
400
46
28
15
14
12
630
72
43
28
21
17


Numéro de pièce similaire - DMM4P15K-F

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
DMM4P15K-F CDE-DMM4P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
More results

Description similaire - DMM4P15K-F

FabricantNo de pièceFiches techniqueDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEN MERITEK-PEN Datasheet
106Kb / 1P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
   POLYESTER FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com