Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3W525S Fiches technique(PDF) 2 Page - Anaren Microwave

No de pièce 3W525S
Description  Balun Transformers 50 to 25 Balanced
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

3W525S Fiches technique(HTML) 2 Page - Anaren Microwave

  3W525S Datasheet HTML 1Page - Anaren Microwave 3W525S Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model 3W525S
Rev. A
Typical Performance: 1700 MHz. to 2600 MHz.
Pin Configuration
Mounting Configuration
Dimensions are in Inches [Millimeters]
3W525S Mounting Footprint
To ensure proper electrical and thermal performance
there must be a ground plane with 100%
solder connection underneath the part
.121 [3.07]
.070
[1.78]
.380
[9.65]
.049
[1.24]
.130 [3.30]
.390 [9.91]
.210 [5.32]
Multiple
plated thru holes
to ground
.034 TYP
[0.86]
2 Places
25 Transmission Line
Referenced to GND
50 Transmission Line
Amplitude Balance 3W525S
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
Frequency [MHz]
Return Loss 3W525S
-40
-35
-30
-25
-20
-15
-10
-5
0
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
Frequency [MHz]
Insertion Loss 3W525S
-0.5
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
Frequency [MHz]
Phase Balance 3W525S
-190
-188
-186
-184
-182
-180
-178
-176
-174
-172
-170
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
Frequency [MHz]


Numéro de pièce similaire - 3W525S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3W525 ETC-3W525 Datasheet
258Kb / 3P
   Surface Mount Balun
logo
Anaren Microwave
3W525 ANAREN-3W525 Datasheet
313Kb / 2P
   Balun Transformers 50廓 to 25廓 Balanced
More results

Description similaire - 3W525S

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
3A525 ANAREN-3A525 Datasheet
316Kb / 2P
   Balun Transformers 50廓 to 25廓 Balanced
3W525 ANAREN-3W525 Datasheet
313Kb / 2P
   Balun Transformers 50廓 to 25廓 Balanced
3A412S ANAREN-3A412S Datasheet
321Kb / 2P
   Balun Transformers 50 to 12.5 Balanced
3A412 ANAREN-3A412 Datasheet
319Kb / 2P
   Balun Transformers 50 to 12.5 Balanced
3A325 ANAREN-3A325 Datasheet
142Kb / 2P
   Xinger Balun 50廓 to 25廓 Balanced
3A425 ANAREN-3A425 Datasheet
140Kb / 2P
   Xinger Balun 50廓 to 25廓 Balanced
3W512 ANAREN-3W512 Datasheet
320Kb / 2P
   Balun 50廓 to 12.5廓 Balanced
3A512 ANAREN-3A512 Datasheet
320Kb / 2P
   Balun 50廓 to 12.5廓 Balanced
BD2130J5050AHF ANAREN-BD2130J5050AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50! Balanced
B0322J5050AHF ANAREN-B0322J5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com