Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5150BV-12800M Fiches technique(PDF) 1 Page - Ecliptek Corporation

No de pièce ES5150BV-12800M
Description  4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ECLIPTEK [Ecliptek Corporation]
Site Internet  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ES5150BV-12800M Fiches technique(HTML) 1 Page - Ecliptek Corporation

  ES5150BV-12800M Datasheet HTML 1Page - Ecliptek Corporation ES5150BV-12800M Datasheet HTML 2Page - Ecliptek Corporation ES5150BV-12800M Datasheet HTML 3Page - Ecliptek Corporation ES5150BV-12800M Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
January 5, 2004
TO:
Affected Customers
FROM:
Mark Stoner
RE:
Product Termination
To all concerned parties,
This bulletin is to notify all customers of the termination of the following Ecliptek series
effective November 11
th, 2003:
Series
Description
Recommended Replacement
EC51
5V 14 Pin DIP TCXO, HCMOS
EB51F3
ES51
5V 14 Pin DIP TCXO, Sinewave
ES51F3
EC53
3.3V 14 Pin DIP TCXO, HCMOS
EB52F3
In compliance with our End of Life (EOL) policy, this will serve as advanced notice of
product termination. New orders will not be accepted after February 1
st, 2004, with
deliveries to conclude by July 1
st 2004.
If there are any questions pertaining to this bulletin, please fell free to contact me.
Thank you for your cooperation.
Best Regards,
Mark W. Stoner
Director of Marketing
Ecliptek Corporation


Numéro de pièce similaire - ES5150BV-12800M

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106E CYRUSTEK-ES5106E Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
   31/2 DIGIT A/D CONVERTER W/LED
More results

Description similaire - ES5150BV-12800M

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
   THRU-HOLE TCXO
logo
Fox Electronics
FOX781 FOX-FOX781 Datasheet
171Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
FOX782 FOX-FOX782 Datasheet
85Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
logo
Caliber Electronics Inc...
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
List of Unclassifed Man...
TB1S320CV ETC2-TB1S320CV Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
Pericom Semiconductor C...
JT255 PERICOM-JT255 Datasheet
861Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
JT325 PERICOM-JT325 Datasheet
883Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
logo
List of Unclassifed Man...
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
logo
Caliber Electronics Inc...
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
   3.3 & 5V Stratum 3 Sinewave TCXO
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com