Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA4936 Fiches technique(PDF) 5 Page - TAITRON Components Incorporated

No de pièce SMA4936
Description  1.0A Surface Mount Fast Recovery Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMA4936 Fiches technique(HTML) 5 Page - TAITRON Components Incorporated

  SMA4936 Datasheet HTML 1Page - TAITRON Components Incorporated SMA4936 Datasheet HTML 2Page - TAITRON Components Incorporated SMA4936 Datasheet HTML 3Page - TAITRON Components Incorporated SMA4936 Datasheet HTML 4Page - TAITRON Components Incorporated SMA4936 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. A/AH 2007-12-18
www.taitroncomponents.com
Page 5 of 5
1.0A Surface Mount Fast Recovery Rectifier
SMA4933 – SMA4937
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 247-2232 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Numéro de pièce similaire - SMA4936

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
More results

Description similaire - SMA4936

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1JDFQ DIODES-RS1JDFQ Datasheet
466Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com