Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD200-14-21-041 Fiches technique(PDF) 1 Page - Advanced Photonix, Inc.

No de pièce SD200-14-21-041
Description  Red Enhanced High Performance Silicon Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Site Internet  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD200-14-21-041 Fiches technique(HTML) 1 Page - Advanced Photonix, Inc.

  SD200-14-21-041 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• Red enhanced
• High shunt resistance
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 5V
1.3
6.5
nA
RSH
Shunt Resistance
VR = 10 mV
140
MW
VR = 0V, f = 1 MHz
345
CJ
Junction Capacitance
VR = 5V, f = 1 MHz
102
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
l= 633nm, VR = 0 V
0.32
0.36
R
Responsivity
l= 900nm, VR = 0 V
0.50
0.55
A/W
VBR
Breakdown Voltage
I = 10 μA
50
V
NEP
Noise Equivalent Power
VR = 5V @ l=950nm
3.8X10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Wavelength (nm)
Red Enhanced High Performance Silicon Photodiode
SD 200-14-21-041
PACKAGE DIMENSIONS INCH [mm]
TO-8 PACKAGE
The SD 200-14-21-021 is a high performance silicon
PIN photodiode, red enhanced, packaged in a leaded
hermetic TO-8 metal package.
• Instrumentation
• Industrial
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-8 PACKAGE
1 ANODE
SCHEMATIC
3 NOT USED
2 CATHODE/ CASE GROUND
83°
VIEWING
ANGLE
.222 [5.64]
SQUARE
Ø.200 [5.08]
ACTIVE AREA
1
2
3
Ø.300 [7.62]
PIN CIRCLE
Ø.555 [14.10]
Ø.545 [13.84]
Ø.425 [10.80]
Ø.435 [11.05]
Ø.480 [12.19]
Ø.490 [12.45]
3X 1.50 [38.1]
3X Ø.018 [0.46]
.075 [1.91]
.193 [4.90]
.208 [5.28]
GLASS ABOVE CAP TOP EDGE
.016 [0.41] MAX


Numéro de pièce similaire - SD200-14-21-041

FabricantNo de pièceFiches techniqueDescription
logo
Luna Innovations Incorp...
SD200-14-21-041 LUNA-SD200-14-21-041 Datasheet
188Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
More results

Description similaire - SD200-14-21-041

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Photonix, Inc.
SD100-14-21-021 ADVANCEDPHOTONIX-SD100-14-21-021 Datasheet
98Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD057-14-21-011 ADVANCEDPHOTONIX-SD057-14-21-011 Datasheet
143Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
logo
Luna Innovations Incorp...
SD200-14-21-041 LUNA-SD200-14-21-041 Datasheet
188Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
SD100-14-21-021 LUNA-SD100-14-21-021 Datasheet
193Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD445-14-21-305 ADVANCEDPHOTONIX-SD445-14-21-305 Datasheet
94Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD172-14-21-021 ADVANCEDPHOTONIX-SD172-14-21-021 Datasheet
96Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
logo
Luna Innovations Incorp...
SD076-14-21-011 LUNA-SD076-14-21-011 Datasheet
191Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD076-14-21-011 ADVANCEDPHOTONIX-SD076-14-21-011 Datasheet
95Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
logo
Luna Innovations Incorp...
SD172-14-21-021 LUNA-SD172-14-21-021 Datasheet
190Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
SD057-14-21-011 LUNA-SD057-14-21-011 Datasheet
191Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com