Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD172-13-23-222 Fiches technique(PDF) 1 Page - Advanced Photonix, Inc.

No de pièce SD172-13-23-222
Description  UV Enhanced Silicon Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Site Internet  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD172-13-23-222 Fiches technique(HTML) 1 Page - Advanced Photonix, Inc.

  SD172-13-23-222 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• UV enhanced
• High shunt resistance
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 5V
4.4
19
nA
RSH
Shunt Resistance
VR = 10 mV
105
MW
VR = 0 V, f = 1 MHz
255
CJ
Junction Capacitance
VR = 50 V, f = 1 MHz
75
pF
lrange
Spectral Application Range
Spot Scan
250
1100
nm
R
Responsivity
l= 365nm, VR = 0 V
0.14
0.18
A/W
VBR
Breakdown Voltage
I = 10 μA
10
V
NEP
Noise Equivalent Power
VR = 0V @ l=365nm
7.2x10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Wavelength (nm)
UV Enhanced Silicon Photodiode
SD 172-13-23-222
PACKAGE DIMENSIONS INCH [mm]
TO-5 PACKAGE
The SD 172-13-23-222 is a UV enhanced silicon PIN
packaged in a hermetic TO-5 metal package.
• Instrumentation
• Industrial
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-5 PACKAGE
1 ANODE
SCHEMATIC
2 CASE GROUND
3 CATHODE
45°
1
2
3
Ø.200 [5.08]
PIN CIRCLE
3X Ø.018 [0.46]
3X .500 [12.7] MIN
.157 [3.99]
.169 [4.29]
.010 [0.25] MAX
GLASS ABOVE CAP
TOP EDGE
79°
VIEWING
ANGLE
Ø.256 [6.50]
Ø.264 [6.70]
Ø .362 [9.19]
Ø .357 [9.07]
Ø.320 [8.13]
Ø.330 [8.38]
.201 [5.11]
.142 [3.61]
.126 [3.20] ACTIVE AREA
.185 [4.70] ACTIVE AREA
.090 [2.29]


Numéro de pièce similaire - SD172-13-23-222

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Photonix, Inc.
SD172-11-21-221 ADVANCEDPHOTONIX-SD172-11-21-221 Datasheet
97Kb / 1P
   Red Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD172-11-21-221 LUNA-SD172-11-21-221 Datasheet
122Kb / 2P
   Red Enhanced Silicon Photodiode
logo
List of Unclassifed Man...
SD172-11-31-221 ETC2-SD172-11-31-221 Datasheet
150Kb / 1P
   Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD172-11-31-221 ADVANCEDPHOTONIX-SD172-11-31-221 Datasheet
96Kb / 1P
   Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Luna Innovations Incorp...
SD172-11-31-221 LUNA-SD172-11-31-221 Datasheet
192Kb / 2P
   Red Enhanced Ultra Low Capacitance Silicon Photodiode
More results

Description similaire - SD172-13-23-222

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Photonix, Inc.
PDU-V104 ADVANCEDPHOTONIX-PDU-V104 Datasheet
94Kb / 1P
   UV Enhanced Silicon Photodiode
SD200-13-23-042 ADVANCEDPHOTONIX-SD200-13-23-042 Datasheet
96Kb / 1P
   UV Enhanced Silicon Photodiode
SD200-13-23-242 ADVANCEDPHOTONIX-SD200-13-23-242 Datasheet
97Kb / 1P
   UV Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD200-13-23-042 LUNA-SD200-13-23-042 Datasheet
177Kb / 2P
   UV Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
SD100-13-23-222 ADVANCEDPHOTONIX-SD100-13-23-222 Datasheet
98Kb / 1P
   UV Enhanced Silicon Photodiode
PDU-V114 ADVANCEDPHOTONIX-PDU-V114 Datasheet
95Kb / 1P
   UV Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD100-13-23-222 LUNA-SD100-13-23-222 Datasheet
184Kb / 2P
   UV Enhanced Silicon Photodiode
SD100-13-23-022 LUNA-SD100-13-23-022 Datasheet
160Kb / 2P
   UV Enhanced Silicon Photodiode
SD200-13-23-242 LUNA-SD200-13-23-242 Datasheet
137Kb / 2P
   UV Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
SD100-13-23-022 ADVANCEDPHOTONIX-SD100-13-23-022 Datasheet
97Kb / 1P
   UV Enhanced Silicon Photodiode
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com