Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA317D-XX-TR30 Fiches technique(PDF) 5 Page - TAITRON Components Incorporated

No de pièce LA317D-XX-TR30
Description  1.0A Adustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LA317D-XX-TR30 Fiches technique(HTML) 5 Page - TAITRON Components Incorporated

  LA317D-XX-TR30 Datasheet HTML 1Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 2Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 3Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 4Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 5Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 6Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 7Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 8Page - TAITRON Components Incorporated LA317D-XX-TR30 Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1.0A Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LA317
www.taitroncomponents.com
Page 5 of 9
Fig.5- Minimum Load Current vs. Temperature
Ambient Temperature (° C)
Fig.6- Adjust Pin Current vs. Temperature
Ambient Temperature (° C)
Fig.7- Short-Circuit Current vs. Temperature
Junction Temperature (° C)
Fig.8- Maximum Power Dissipation
Case Temperature (° C)
Typical Characteristics Curves (Continued)


Numéro de pièce similaire - LA317D-XX-TR30

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LA317D-XX-TR30 ETC2-LA317D-XX-TR30 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
More results

Description similaire - LA317D-XX-TR30

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
LM317 TAITRON-LM317 Datasheet
375Kb / 8P
   Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
Infineon Technologies A...
IFX7805 INFINEON-IFX7805 Datasheet
1Mb / 18P
   Three Terminal 1.0A Positive Voltage Regulator
Rev. 1.0, 2013-07-15
logo
Tiger Electronic Co.,Lt...
LM7812F TGS-LM7812F Datasheet
266Kb / 1P
   3-Terminal 1.0A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com