Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX384C56 Fiches technique(PDF) 2 Page - TAITRON Components Incorporated

No de pièce BZX384C56
Description  0.2W Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BZX384C56 Fiches technique(HTML) 2 Page - TAITRON Components Incorporated

  BZX384C56 Datasheet HTML 1Page - TAITRON Components Incorporated BZX384C56 Datasheet HTML 2Page - TAITRON Components Incorporated BZX384C56 Datasheet HTML 3Page - TAITRON Components Incorporated BZX384C56 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B/AH 2008-03-04
www.taitroncomponents.com
Page 2 of 4
0.2W Surface Mount Zener Diodes
BZX384C3V9 - BZX384C75
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Norminal Zener Voltage
@
IZT
Test
Current
VZ(V)
Max. Zener Impedance
Max. Reverse
Leakage Current
IR @ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
ZZT@
IZT
ZZK@
IZK
IZK(mA)
IR (
μA)
VR(V)
BZX384C3V9
W6
3.9
3.7
4.1
5.0
95
600
1.0
3.00
1.0
BZX384C4V3
W7
4.3
4.0
4.6
5.0
90
600
1.0
3.00
1.0
BZX384C4V7
W8
4.7
4.4
5.0
5.0
80
500
1.0
3.00
2.0
BZX384C5V1
W9
5.1
4.8
5.4
5.0
60
480
1.0
2.00
2.0
BZX384C5V6
WA
5.6
5.2
6.0
5.0
40
400
1.0
1.00
2.0
BZX384C6V2
WB
6.2
5.8
6.6
5.0
10
150
1.0
3.00
4.0
BZX384C6V8
WC
6.8
6.4
7.2
5.0
15
80
1.0
2.00
4.0
BZX384C7V5
WD
7.5
7.0
7.9
5.0
15
80
1.0
1.00
5.0
BZX384C8V2
WE
8.2
7.7
8.7
5.0
15
80
1.0
0.70
5.0
BZX384C9V1
WF
9.1
8.5
9.6
5.0
15
100
1.0
0.50
6.0
BZX384C10
WG
10
9.4
10.6
5.0
20
150
1.0
0.20
7.0
BZX384C11
WH
11
10.4
11.6
5.0
20
150
1.0
0.10
8.0
BZX384C12
WI
12
11.4
12.7
5.0
25
150
1.0
0.10
8.0
BZX384C13
WK
13
12.4
14.1
5.0
30
170
1.0
0.10
8.0
BZX384C15
WL
15
13.8
15.6
5.0
30
200
1.0
0.05
10.5
BZX384C16
WM
16
15.3
17.1
5.0
40
200
1.0
0.05
11.2
BZX384C18
WN
18
16.8
19.1
5.0
45
225
1.0
0.05
12.6
BZX384C20
WO
20
18.8
21.2
5.0
55
225
1.0
0.05
14.0
BZX384C22
WP
22
20.8
23.3
5.0
55
250
1.0
0.05
15.4
BZX384C24
WR
24
22.8
25.6
5.0
70
250
1.0
0.05
16.8
BZX384C27
WS
27
25.1
28.9
2.0
80
300
0.5
0.05
18.9
BZX384C30
WT
30
28.0
32.0
2.0
80
300
0.5
0.05
21.0
BZX384C33
WU
33
31.0
35.0
2.0
80
325
0.5
0.05
23.1
BZX384C36
WW
36
34.0
38.0
2.0
90
350
0.5
0.05
25.2
BZX384C39
WX
39
37.0
41.0
2.0
130
350
0.5
0.05
27.3
BZX384C43
WY
43
40.0
46.0
2.0
150
375
0.5
0.05
30.1
BZX384C47
WZ
47
44.0
50.0
2.0
170
375
0.5
0.05
32.9
BZX384C51
X1
51
48.0
54.0
2.0
180
400
0.5
0.05
35.7
BZX384C56
X2
56
52.0
60.0
2.0
200
425
0.5
0.05
39.2
BZX384C62
X3
62
58.0
66.0
2.0
215
450
0.5
0.05
43.4
BZX384C68
X4
68
64.0
72.0
2.0
240
475
0.5
0.05
47.6
BZX384C75
X5
75
70.0
79.0
2.0
255
500
0.5
0.05
52.2


Numéro de pièce similaire - BZX384C56

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZX384C56 EIC-BZX384C56 Datasheet
109Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
BZX384C56 SYNSEMI-BZX384C56 Datasheet
102Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX384C56 VISHAY-BZX384C56 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
logo
SUNMATE electronic Co.,...
BZX384C56 SUNMATE-BZX384C56 Datasheet
481Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
GUANGDONG HOTTECH INDUS...
BZX384C56 HOTTECH-BZX384C56 Datasheet
232Kb / 2P
   Plastic-Encapsulate Diodes
More results

Description similaire - BZX384C56

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
DZD20 SANYO-DZD20 Datasheet
77Kb / 4P
   0.2W Zener Diodes
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com