Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54A Fiches technique(PDF) 4 Page - TAITRON Components Incorporated

No de pièce BAT54A
Description  Multiple Terminals SMD Schottky Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAT54A Fiches technique(HTML) 4 Page - TAITRON Components Incorporated

  BAT54A Datasheet HTML 1Page - TAITRON Components Incorporated BAT54A Datasheet HTML 2Page - TAITRON Components Incorporated BAT54A Datasheet HTML 3Page - TAITRON Components Incorporated BAT54A Datasheet HTML 4Page - TAITRON Components Incorporated BAT54A Datasheet HTML 5Page - TAITRON Components Incorporated BAT54A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Multiple Terminals SMD Schottky Diodes
Rev. A/AH 2008-03-14
BAT54/A/C/S
www.taitroncomponents.com
Page 4 of 6
Mounting Pad Layout in mm (inch)
Packing Information:
Carrier Tape Dimensions (in mm)
Note: Symbol A0, B0, K0 are determined by the maximum dimensions of the component size.
The clearance between the component and the cavity must be within
0.05 mm (0.002’’) min. to 0.50 mm (0.02’’) max. for 8 mm tape.
A0
B0
K0
D
P0
P
Product Type
See Note
1.55±0.5
4.0±0.1
4.0±0.1
W
E
T
D1
F
P2
SOT-23
8.0+0.3/-0.1
1.75±0.1
0.38±0.1
1.0±0.05
3.5±0.5
2.0±0.05


Numéro de pièce similaire - BAT54A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Sangdest Microelectroni...
BAT54A SMC-BAT54A Datasheet
221Kb / 5P
   Negligible switching losses
logo
Shanghai Lunsure Electr...
BAT54A CHENYI-BAT54A Datasheet
72Kb / 3P
   250mWatt, 30volt schottky barrier diode
logo
Comchip Technology
BAT54A COMCHIP-BAT54A Datasheet
102Kb / 2P
   Surface Mount Schottky Diode
logo
Shanghai Yint Electroni...
BAT54A YINT-BAT54A Datasheet
389Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Description similaire - BAT54A

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
BAV70WS TAITRON-BAV70WS Datasheet
307Kb / 4P
   Multiple Terminals SMD Switching Diodes
TZGC2V4TWS TAITRON-TZGC2V4TWS Datasheet
376Kb / 4P
   200mW Multiple Terminals SMD Zener Diodes
TWG4148T-16WS TAITRON-TWG4148T-16WS Datasheet
179Kb / 4P
   MULTIPLE TERMINALS SMD SWITCHING DIODE
BAS16TWS TAITRON-BAS16TWS Datasheet
278Kb / 4P
   Multiple Terminals SMD Switching Diode
BAV99DWS TAITRON-BAV99DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
BAV70DWS TAITRON-BAV70DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
BAW56DWS TAITRON-BAW56DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
MMBD3004BRM TAITRON-MMBD3004BRM Datasheet
258Kb / 4P
   Multiple Terminals SMD Switching Diode
logo
List of Unclassifed Man...
TWG4148T-16WS ETC2-TWG4148T-16WS Datasheet
179Kb / 4P
   MULTIPLE TERMINALS SMD SWITCHING DIODE
logo
TAITRON Components Inco...
MMBD3004A TAITRON-MMBD3004A Datasheet
252Kb / 6P
   Three Terminals SMD Switching Diodes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com