Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2W10G Fiches technique(PDF) 1 Page - TAITRON Components Incorporated

No de pièce 2W10G
Description  2A Glass Passivated Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2W10G Fiches technique(HTML) 1 Page - TAITRON Components Incorporated

  2W10G Datasheet HTML 1Page - TAITRON Components Incorporated 2W10G Datasheet HTML 2Page - TAITRON Components Incorporated 2W10G Datasheet HTML 3Page - TAITRON Components Incorporated 2W10G Datasheet HTML 4Page - TAITRON Components Incorporated 2W10G Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2008-01-22
2W005G – 2W10G
2A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
2A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• High case dielectric strength
• Typical IR less than 0.5µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds
0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• This series is UL recognized under component index,
File number E194718
• RoHS compliant
Mechanical Data
Case:
WOG, Epoxy meets UL 94V-0 flammability rating
Terminals:
Plated leads solderable per MIL-STD-750, Method 2026
Polarity:
As marked on case
Weight:
0.04 ounce, 1.1 grams
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbols
Parameter
2W
005G
2W
01G
2W
02G
2W
04G
2W
06G
2W
08G
2W
10G
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
I(AV)
Maximum Average Forward
Rectified Current at 0.375”
(9.5mm) lead length
2.0
A
IFSM
Peak Forward Surge Current
60
A
8.3ms Single
Sine-wave
Superimposed
on Rated Load
(JEDEC
Method)
t
Rating for Fusing (t<8.3ms)
15
A²sec
WOG


Numéro de pièce similaire - 2W10G

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
2W10G ZOWIE-2W10G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
2W10G MIC-2W10G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
2W10G RECTRON-2W10G Datasheet
560Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 1000 Voits CURRENT 1.5 Amperes
2020-05 REV:B
logo
Jinan Gude Electronic D...
2W10G JGD-2W10G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
2W10G SECOS-2W10G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
More results

Description similaire - 2W10G

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
GBP2005 FRONTIER-GBP2005 Datasheet
177Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005G FRONTIER-GBP2005G Datasheet
178Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G FRONTIER-KBP2005G Datasheet
144Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
ABS20M TSC-ABS20M Datasheet
212Kb / 4P
   2A, 1000V Glass Passivated Bridge Rectifier
ABS20M-T TSC-ABS20M-T Datasheet
211Kb / 4P
   2A, 1000V Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
2KBP005G LUGUANG-2KBP005G Datasheet
206Kb / 1P
   2A Glass Passivated Silicon Bridge Rectifier
logo
Diodes Incorporated
HDS20M DIODES-HDS20M Datasheet
492Kb / 5P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
YBS2001 FS-YBS2001 Datasheet
614Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
FTB1S-20 FS-FTB1S-20 Datasheet
510Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
AiT Semiconductor Inc.
ABS201 AITSEMI-ABS201 Datasheet
517Kb / 5P
   BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED
REV1.0
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com