Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4731A Fiches technique(PDF) 2 Page - TAITRON Components Incorporated

No de pièce 1N4731A
Description  1W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4731A Fiches technique(HTML) 2 Page - TAITRON Components Incorporated

  1N4731A Datasheet HTML 1Page - TAITRON Components Incorporated 1N4731A Datasheet HTML 2Page - TAITRON Components Incorporated 1N4731A Datasheet HTML 3Page - TAITRON Components Incorporated 1N4731A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1W Zener Diodes
Rev. C/AH 2008-02-13
1N4728A - 1N4764A
www.taitroncomponents.com
Page 2 of 4
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Normal Zener Voltage
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
Maximum
Regulator
Current
IR @ VR
P/N
Nom.
VZ
Min.
VZ
Max.
VZ
IZT
(mA)
mA
IZM
(mA)
µA
VR
1N4728A
3.3
3.14
3.47
76
10
400
1.0
276
100
1.0
1N4729A
3.6
3.42
3.78
69
10
400
1.0
252
100
1.0
1N4730A
3.9
3.71
4.10
64
9
400
1.0
234
50
1.0
1N4731A
4.3
4.09
4.52
58
9
400
1.0
217
10
1.0
1N4732A
4.7
4.47
4.94
53
8
500
1.0
193
10
1.0
1N4733A
5.1
4.85
5.36
49
7
550
1.0
178
10
1.0
1N4734A
5.6
5.32
5.88
45
5
600
1.0
162
10
2.0
1N4735A
6.2
5.89
6.51
41
2
700
1.0
146
10
3.0
1N4736A
6.8
6.46
7.14
37
3.5
700
1.0
133
10
4.0
1N4737A
7.5
7.13
7.88
34
4.0
700
0.5
121
10
5.0
1N4738A
8.2
7.79
8.61
31
4.5
700
0.5
110
10
6.0
1N4739A
9.1
8.65
9.56
28
5
700
0.5
100
10
7.0
1N4740A
10
9.50
10.50
25
7
700
0.25
91
10
7.6
1N4741A
11
10.45
11.55
23
8
700
0.25
83
5
8.4
1N4742A
12
11.40
12.60
21
9
700
0.25
76
5
9.1
1N4743A
13
12.35
13.65
19
10
700
0.25
69
5
9.9
1N4744A
15
14.25
15.75
17
14
700
0.25
61
5
11.4
1N4745A
16
15.20
16.80
15.5
16
700
0.25
57
5
12.2
1N4746A
18
17.10
18.90
14
20
750
0.25
50
5
13.7
1N4747A
20
19.00
21.00
12.5
22
750
0.25
45
5
15.2
1N4748A
22
20.90
23.10
11.5
23
750
0.25
41
5
16.7
1N4749A
24
22.80
25.20
10.5
25
750
0.25
38
5
18.2
1N4750A
27
25.65
28.35
9.5
35
750
0.25
34
5
20.6
1N4751A
30
28.50
31.50
8.5
40
1000
0.25
30
5
22.8
1N4752A
33
31.35
34.65
7.5
45
1000
0.25
27
5
25.1
1N4753A
36
34.20
37.80
7.0
50
1000
0.25
25
5
27.4
1N4754A
39
37.05
40.95
6.5
60
1000
0.25
23
5
29.7
1N4755A
43
40.85
45.15
6.0
70
1500
0.25
22
5
32.7


Numéro de pièce similaire - 1N4731A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1N4731A PHILIPS-1N4731A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4731A VISHAY-1N4731A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4731A SEMTECH_ELEC-1N4731A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4731A ETC1-1N4731A Datasheet
16Kb / 1P
   Zener Diodes
logo
Sangdest Microelectroni...
1N4731A SMC-1N4731A Datasheet
170Kb / 5P
   ZENER DIODES
More results

Description similaire - 1N4731A

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com