Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4618 Fiches technique(PDF) 2 Page - TAITRON Components Incorporated

No de pièce 1N4618
Description  500mW Low Noise Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4618 Fiches technique(HTML) 2 Page - TAITRON Components Incorporated

  1N4618 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4618 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4618 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4618 Datasheet HTML 4Page - TAITRON Components Incorporated 1N4618 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A/DX 2007-05-15
www.taitroncomponents.com
Page 2 of 5
500mW Low Noise Zener Diodes
1N4614 – 1N4627/1N4099 – 1N4135
Electrical Characteristics (T
A=25ºC unless noted otherwise)
Nominal
Zener
Voltage
VZ
@
IZT
(Note1)
Zener
Test
Current
IZT
Maximum
Zener
Impedance
ZZT
Maximum Reverse
Leakage Current
IR @ VR
Maximum
Noise Density
ND @ IZT
(Fig.1)
Maximum
Zener
Current
IZM (Note2)
Maximum
TEMP. Coeff. Of
Zener Voltage
αvz
Part Number
V
μA
μA
V
μV/Sq(HZ)
mA
%/° C
1N4614
1.8
250
1200
7.5
1
1
120
-0.075
1N4615
2.0
250
1250
5.0
1
1
110
-0.075
1N4616
2.2
250
1300
4.0
1
1
100
-0.075
1N4617
2.4
250
1400
2.0
1
1
95
-0.075
1N4618
2.7
250
1500
1.0
1
1
90
-0.075
1N4619
3.0
250
1600
0.8
1
1
87
-0.075
1N4620
3.3
250
1650
7.5
1.5
1
85
-0.075
1N4621
3.6
250
1700
7.5
2
1
83
-0.065
1N4622
3.9
250
1650
5.0
2
1
80
-0.060
1N4623
4.3
250
1600
4.0
2
1
77
-0.050
1N4624
4.7
250
1550
10
3
1
75
-0.050+0.020
1N4625
5.1
250
1500
10
3
2
70
-0.045+0.030
1N4626
5.6
250
1400
10
4
4
65
-0.020+0.040
1N4627
6.2
250
1200
10
5
5
61
-0.010+0.050
1N4099
6.8
250
200
10
5.17
40
56
0.060
1N4100
7.5
250
200
10
5.70
40
51
0.065
1N4101
8.2
250
200
1.0
6.24
40
46
0.070
1N4102
8.7
250
200
1.0
6.61
40
44
0.075
1N4103
9.1
250
200
1.0
6.92
40
42
0.080
1N4104
10
250
200
0.05
7.60
40
38
0.080
1N4105
11
250
200
0.05
8.44
40
35
0.080
1N4106
12
250
200
0.05
9.12
40
32
0.080
1N4107
13
250
200
0.05
9.87
40
29
0.080
1N4108
14
250
200
0.05
10.65
40
27
0.085
1N4109
15
250
100
0.05
11.40
40
25
0.085
1N4110
16
250
100
0.05
12.15
40
24
0.085
1N4111
17
250
100
0.05
12.92
40
22
0.090
1N4112
18
250
100
0.05
13.67
40
21
0.090
1N4113
19
250
150
0.05
14.44
40
20
0.090
1N4114
20
250
150
0.01
15.20
40
19
0.090
1N4115
22
250
150
0.01
16.72
40
17
0.090
1N4116
24
250
150
0.01
18.25
40
16
0.090
1N4117
25
250
150
0.01
19.00
40
15
0.090
1N4118
27
250
150
0.01
20.45
40
14
0.090
1N4119
28
250
200
0.01
21.28
40
14
0.095


Numéro de pièce similaire - 1N4618

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N4618 CDI-DIODE-1N4618 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Silicon Supplies
1N4618 SS-1N4618 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
Knox Semiconductor, Inc
1N4618 KNOX-1N4618 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4618 MICROSEMI-1N4618 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4618 MICROSEMI-1N4618 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Description similaire - 1N4618

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com