Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSF31 Fiches technique(PDF) 4 Page - TAITRON Components Incorporated

No de pièce TSF31
Description  3.0A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSF31 Fiches technique(HTML) 4 Page - TAITRON Components Incorporated

  TSF31 Datasheet HTML 1Page - TAITRON Components Incorporated TSF31 Datasheet HTML 2Page - TAITRON Components Incorporated TSF31 Datasheet HTML 3Page - TAITRON Components Incorporated TSF31 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.0A Super Fast Recovery Rectifier
Rev. A/DX 2007-06-04
TSF31 – TSF36
www.taitroncomponents.com
Page 4 of 4
Dimensions in inches (mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
D0-201AD


Numéro de pièce similaire - TSF31

FabricantNo de pièceFiches techniqueDescription
logo
Token Electronics Indus...
TSF310D00-S4 TOKEN-TSF310D00-S4 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00A-D1 TOKEN-TSF315D00A-D1 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00B-D2 TOKEN-TSF315D00B-D2 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00C-S4 TOKEN-TSF315D00C-S4 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00D-S4 TOKEN-TSF315D00D-S4 Datasheet
476Kb / 14P
   Front End Filters
More results

Description similaire - TSF31

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SF31 DIODES-SF31 Datasheet
59Kb / 2P
   3.0A SUPER-FAST RECOVERY RECTIFIER
DS24003 Rev. C-3
RS3A DIODES-RS3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
logo
Zibo Seno Electronic En...
ER301 ZSELEC-ER301 Datasheet
122Kb / 2P
   3.0A SUPER FAST RECTIFIER
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com