Moteur de recherche de fiches techniques de composants électroniques |
|
ST6215L Fiches technique(PDF) 7 Page - STMicroelectronics |
|
ST6215L Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 10 page 7/10 ST6215L/25L 2.3 DC ELECTRICAL CHARACTERISTICS (TA = 0 to +70°C unless otherwise specified) Notes: (1) Hysteresis voltage between switching levels (2) All peripherals running (3) All peripherals in stand-by Symbol Parameter Test Conditions Value Unit Min. Typ. Max. VIL Input Low Level Voltage All Input pins VDD x 0.2 V VIH Input High Level Voltage All Input pins VDD x 0.8 V VHys Hysteresis Voltage (1) All Input pins VDD= 3V 0.2 V VOL Low Level Output Voltage All Output pins VDD= 3.0V; IOL = +10µA VDD= 3.0V; IOL = + 3.0mA VDD= 2.4V; IOL = + 1.5mA 0.1 0.8 0.8 V Low Level Output Voltage 20 mA Sink I/O pins VDD= 3.0V; IOL = +10µA VDD= 3.0V; IOL = + 8mA VDD= 3.0V; IOL = +12mA VDD= 2.4V; IOL = + 5mA 0.1 0.8 1.3 0.8 VOH High Level Output Voltage All Output pins VDD= 3.0V; IOH = -10µA VDD= 3.0V; IOH = -1.5mA VDD= 2.4V; IOH = -10µA 2.9 2.0 2.3 V RPU Pull-up Resistance All Input pins 100 250 600 ΚΩ RESET pin 400 600 1200 IIL IIH Input Leakage Current All Input pins but RESET VIN =VSS (No Pull-Up configured) VIN =VDD 0.1 1.0 µA Input Leakage Current RESET pin VIN =VSS VIN =VDD -8 -16 -30 10 IDD Supply Current in RESET Mode VRESET=VSS fOSC=4MHz 1.5 mA Supply Current in RUN Mode (2) VDD=3.0V fINT=4MHz 1.5 mA Supply Current in WAIT Mode (3) VDD=3.0V fINT=4MHz 0.5 mA Supply Current in STOP Mode(3) ILOAD=0mA VDD=3.0V 2 µA 1 |
Numéro de pièce similaire - ST6215L |
|
Description similaire - ST6215L |