Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA17 Fiches technique(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

No de pièce SA17
Description  SILICON BIDIRECTIONAL DIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YANGJIE [Yangzhou yangjie electronic co., ltd]
Site Internet  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA17 Fiches technique(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SA17 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA17 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA17 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA17 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FIG.1- PEAK PULSE POWER RATING CURVE
FIG.2-PULSE DERATING CURVE
100
75
50
25
0
t,TIME,ms
0
25
50
75
100
125
150
175
200
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
T =25 C
A
0
tp,PULSE WIDTH,sec.
0.1us
1.0us
10us
100us
1.000us
10.000us
100
10
1.0
0.1
0
1.0
2.0
3.0
4.0
150
100
50
0
PULSE WIDTH (td) IS DEFINED
sa the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of IPPM
td
tr=10 usec.
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
HALF VALUE- lPPM
2
1.6 x 1.6 x .040"
(40 x40 x1mm)
COPPER HEAT SINKS
L=0.375"(9.5mm)
LEAD LENGTHS
1
10
100
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5-STEADY STATE POWER DERATING CURVE
FIG.5-MAXIMUN NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
NUMBER OF CYCLES AT 60Hz
FIG.3- PULSE WAVEFORM
200
100
10
0
25
50
75
100
125
150
175
200
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TA,AMBIENT TEMPERATURE.0C
TL,LEAD TEMPERATURE.0C
RATING AND CHARACTERISTIC CURVES
SA5.0 THRU SA170A


Numéro de pièce similaire - SA17

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
SA17 CHONGQING-SA17 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA17 PANJIT-SA17 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA17 FCI-SA17 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA17 LUGUANG-SA17 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA17 SEMITECH-SA17 Datasheet
244Kb / 6P
   Uni-directional Versions Available
More results

Description similaire - SA17

FabricantNo de pièceFiches techniqueDescription
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
   SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
   Silicon Bidirectional Diacs
logo
Diode Semiconductor Kor...
DB3M DSK-DB3M Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
LLDB3 DSK-LLDB3 Datasheet
481Kb / 2P
   SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com