Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7847 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7847
Description  LC2MOS Complete, Dual 12-Bit MDACs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7847 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7847 Datasheet HTML 4Page - Analog Devices AD7847 Datasheet HTML 5Page - Analog Devices AD7847 Datasheet HTML 6Page - Analog Devices AD7847 Datasheet HTML 7Page - Analog Devices AD7847 Datasheet HTML 8Page - Analog Devices AD7847 Datasheet HTML 9Page - Analog Devices AD7847 Datasheet HTML 10Page - Analog Devices AD7847 Datasheet HTML 11Page - Analog Devices AD7847 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AD7837/AD7847
REV. C
–8–
VALID
DATA
t6
t3
t8
WR
DATA
ADDRESS DATA
t7
t1
t2
t5
t4
CS
A0/A1
LDAC
Figure 14. AD7837 Write Cycle Timing Diagram
CS, WR, A0 and A1 control the loading of data to the input
latches. The eight data inputs accept right-justified data. Data
can be loaded to the input latches in any sequence. Provided that
LDAC is held high, there is no analog output change as a result
of loading data to the input latches. Address lines A0 and A1
determine which latch data is loaded to when
CS and WR are low.
The control logic truth table for the part is shown in Table II.
Table II. AD7837 Truth Table
CS WR A1 A0 LDAC Function
1
X
X
X
1
No Data Transfer
X
1
X
X
1
No Data Transfer
0
0
0
0
1
DAC A LS Input Latch Transparent
0
0
0
1
1
DAC A MS Input Latch Transparent
0
0
1
0
1
DAC B LS Input Latch Transparent
0
0
1
1
1
DAC B MS Input Latch Transparent
1
1
X
X
0
DAC A and DAC B DAC Latches
Updated Simultaneously from the
Respective Input Latches
X = Don’t Care.
The
LDAC input controls the transfer of 12-bit data from the
input latches to the DAC latches. When
LDAC is taken low, both
DAC latches, and hence both analog outputs, are updated at
the same time. The data in the DAC latches is held on the rising
edge of
LDAC. The LDAC input is asynchronous and indepen-
dent of
WR. This is useful in many applications especially in the
simultaneous updating of multiple AD7837s. However, care must
be taken while exercising
LDAC during a write cycle. If an LDAC
operation overlaps a
CS and WR operation, there is a possibility
of invalid data being latched to the output. To avoid this,
LDAC
must remain low after
CS or WR return high for a period equal
to or greater than t8, the minimum LDAC pulsewidth.
UNIPOLAR BINARY OPERATION
Figure 15 shows DAC A on the AD7837/AD7847 connected
for unipolar binary operation. Similar connections apply for
DAC B. When VIN is an ac signal, the circuit performs 2-quad-
rant multiplication. The code table for this circuit is shown in
Table III. Note that on the AD7847 the feedback resistor RFB is
internally connected to VOUT.
DAC A
AGNDA
VOUTA
VREFA
VIN
DGND
VSS
RFBA
*
VSS
VDD
VDD
AD7837
AD7847
VOUT
*INTERNALLY
CONNECTED
ON AD7847
Figure 15. Unipolar Binary Operation
Table III. Unipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output, VOUT
1111 1111 1111
–VIN
×
4095
4096


1000 0000 0000
–VIN
×
2048
4096


= –1/ 2 V
IN
0000 0000 0001
–VIN
×
1
4096


0000 0000 0000
0 V
Note 1 LSB =
V
IN
4096
.


Numéro de pièce similaire - AD7847

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7847 AD-AD7847 Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847 Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847 AD-AD7847 Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847 Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847 Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
More results

Description similaire - AD7847

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com