Moteur de recherche de fiches techniques de composants électroniques |
|
CXZ49LFA18000H0QSWZZ Fiches technique(PDF) 7 Page - Kyocera Kinseki Corpotation |
|
CXZ49LFA18000H0QSWZZ Fiches technique(HTML) 7 Page - Kyocera Kinseki Corpotation |
7 / 27 page Features • Crystal unit for audio-visual, office equipment • Small and low profile (5.0x3.2x1.0mm) • Ceramic package • Product with lead free terminations • Reflow compatible Applications • Digital Electronics • Audio-Visual, Office Equipment Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) 4.1 1.9 1.9 CONNECTION 5.00.2 2.4 1.3 1.3 Specifications Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 9843.75 to 54000 Fundamental 50 50 Table 1 Table 2 12 10 to 70 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CX5032GB 48000 H0 P E S ZZ Code Freq.(kHz) Code Freq.(kHz) 10000 12000 14318 14745 16934 18432 22579 10000.000 12000.000 14318.180 14745.600 16934.400 18432.000 22579.200 24000 24545 24576 27000 36000 48000 54000 24000.000 24545.450 24576.000 27000.000 36000.000 48000.000 54000.000 12pF 5010-6 10°C to 70°C 5010-6 H0 P E S ZZ Custom Specification Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range Frequency Range Level of Drive Units W 9843.75 to 15999kHz 16000 to 24999kHz 25000 to 54000kHz 10 (500 max.) 10 (300 max.) 10 (100 max.) Frequency Range Motional Series Resistance Units ohm 9843.75 to 11999kHz 12000 to 13999kHz 14000 to 29999kHz 30000 to 54000kHz 200 150 100 50 Table1 Motional Series Resistances * Please inqurie about specifications other than the above. Table2 Level of Drive RoHS Compliant 5.0×3.2mm for Audio & Visual, Office Equipment Crystal Units Surface Mount Type CX5032GB (CX-53F) - 40 - |
Description similaire - CXZ49LFA18000H0QSWZZ |