Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA78M05QKTPRQ1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UA78M05QKTPRQ1
Description  POSITIVE-VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UA78M05QKTPRQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  UA78M05QKTPRQ1 Datasheet HTML 1Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 2Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 3Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 4Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 5Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 6Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 7Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 8Page - Texas Instruments UA78M05QKTPRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
µA78MxxQ1 SERIES
POSITIVEVOLTAGE REGULATORS
SLVS537A − JUNE 2004 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D 3-Terminal Regulators
† Contact factory for details. Q100 qualification data available on
request.
D Output Current Up To 500 mA
D No External Components
D Internal Thermal-Overload Protection
D High Power-Dissipation Capability
D Internal Short-Circuit Current Limiting
D Output Transistor Safe-Area Compensation
KTP PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
DCY (SOT-223) PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
description/ordering information
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications.
These applications include on-card regulation for elimination of noise and distribution problems associated with
single-point regulation. Each of these regulators can deliver up to 500 mA of output current. The internal
current-limiting and thermal-shutdown features of these regulators essentially make them immune to overload.
In addition to use as fixed-voltage regulators, these devices can be used with external components to obtain
adjustable output voltages and currents and also as the power-pass element in precision regulators.
ORDERING INFORMATION
TJ
VO(NOM)
(V)
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
3.3
PowerFLEX
 (KTP)
Reel of 3000
µA78M33QKTPRQ1
78M33CQ
3.3
SOT-223 (DCY)
Reel of 2500
µA78M33QDCYRQ1
C3Q
5
PowerFLEX
 (KTP)
Reel of 3000
µA78M05QKTPRQ1
78M05CQ
−40
°C to 125°C
5
SOT-223 (DCY)
Reel of 2500
µA78M05QDCYRQ1
C5Q
−40 C to 125 C
8
PowerFLEX
 (KTP)
Reel of 3000
µA78M08QKTPRQ1
78M08CQ
8
SOT-223 (DCY)
Reel of 2500
µA78M08QDCYRQ1
C8Q
10
PowerFLEX
 (KTP)
Reel of 3000
µA78M10QKTPRQ1
78M10CQ
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerFLEX is a trademark of Texas Instruments.


Numéro de pièce similaire - UA78M05QKTPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA78M05QKTPRQ1 TI1-UA78M05QKTPRQ1 Datasheet
234Kb / 11P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05QKTPRQ1 TI-UA78M05QKTPRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05QKTPRQ1 TI1-UA78M05QKTPRQ1 Datasheet
758Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05QKTPRQ1 TI1-UA78M05QKTPRQ1 Datasheet
733Kb / 12P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Description similaire - UA78M05QKTPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com