Moteur de recherche de fiches techniques de composants électroniques |
|
CX5032GB16934H0PESZZ Fiches technique(PDF) 3 Page - Kyocera Kinseki Corpotation |
|
CX5032GB16934H0PESZZ Fiches technique(HTML) 3 Page - Kyocera Kinseki Corpotation |
3 / 27 page Features • Crystal unit for audio-visual, office equipment • Miniature and low profile (3.2x2.5x0.55mm) • Ceramic package • A lead free product • Reflow compatible Applications • Digital Electronics • Audio-Visual, Office Equipment Specifications Table1 Motional Series Resistances Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) Table2 Level of Drive 3.6 1.3 1.3 3.20.1 1.2 CONNECTION (TOP VIEW) GND HOT HOT GND 4-R0.2 #4 #3 #1 #2 #1 #2 #4 #3 1.0 1.0 #4 #3 #1 #2 Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 12000 to 54000 Fundamental 50 50 Table 1 Table 2 8 10 to 70 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CX3225SB 24000 D0 P E S ZZ Code Freq.(kHz) Code Freq.(kHz) 12000 13560 14318 14745 16000 18432 20000 22579 24000 24576 12000.000 13560.000 14318.180 14745.600 16000.000 18432.000 20000.000 22579.000 24000.000 24576.000 25000 26000 27000 27120 30000 33000 33333 40000 48000 54000 25000.000 26000.000 27000.000 27120.000 30000.000 33000.000 33333.000 40000.000 48000.000 54000.000 8pF 5010-6 10°C to 70°C 5010-6 D0 P E S ZZ Custom Specification Frequency Range Motional Series Resistance Units ohm 300 200 100 50 12000 to 13999kHz 14000 to 15999kHz 16000 to 26999kHz 27000 to 54000kHz Frequency Range Level of Drive Units 12000 to 54000kHz 10 (100 max.) W Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range * Please inqurie about specifications other than the above. Pb Free RoHS Compliant Crystal Units Surface Mount Type CX3225SB (CX-101F) 3.2×2.5mm for Audio & Visual, Office Equipment - 36 - |
Numéro de pièce similaire - CX5032GB16934H0PESZZ |
|
Description similaire - CX5032GB16934H0PESZZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |