Moteur de recherche de fiches techniques de composants électroniques |
|
ST1335-CD15 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
ST1335-CD15 Fiches technique(HTML) 2 Page - STMicroelectronics |
2 / 3 page ST1335, ST1336, ST1355 2/3 Figure 2. Memory Map Note: 1. The write-only RAM area (RN) is applicable only for the User Configuration. AI03385 Anti-Tearing Flags User-Defined Area Signature Fuses Unused Reserved Area (RA) Reserved Area (RA) Certificate (CER) Data Area (CD) (Counters and Transport Code) Issuer-Defined Area (ST1336) Authentication Secret Key (SK) (ST1335, ST1355) Card Identification Area (ID) Circuit Identification Area 0 16 64 104 112 128 192 256 260 264 288 320 376 56 bits 4 bits 4 bits 24 bits 32 bits 64 bits 16 bits 8 bits 40 bits 48 bits 16 masked bits RAM1 (Write-Only) (RN) (ST1335, ST1355) 0 32 32 bits address counter provides an internal address space of up to 512 bits. Each member of the ST1335/1336/1355 family has an identification data area, unit-counters (with an anti-tearing mechanism for reliable usage in open readers), a post validation certificate, an issuer area (ST1336) or an authentication secret key area (ST1335/1355), and a user area. This is summarized in Figure 2. The validation certificate allows the recognition of the device by the appropriate security module. The anti-tearing mechanism guards against extra, spurious count signals being executed when the |
Numéro de pièce similaire - ST1335-CD15 |
|
Description similaire - ST1335-CD15 |