Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3122D2N Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3122D2N
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2N Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA3122D2N Datasheet HTML 7Page - Texas Instruments TPA3122D2N Datasheet HTML 8Page - Texas Instruments TPA3122D2N Datasheet HTML 9Page - Texas Instruments TPA3122D2N Datasheet HTML 10Page - Texas Instruments TPA3122D2N Datasheet HTML 11Page - Texas Instruments TPA3122D2N Datasheet HTML 12Page - Texas Instruments TPA3122D2N Datasheet HTML 13Page - Texas Instruments TPA3122D2N Datasheet HTML 14Page - Texas Instruments TPA3122D2N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
INPUT RESISTANCE
Ci
IN
Zi
Zf
Input
Signal
f=
1
2
Z C
p
i
i
(1)
INPUT CAPACITOR, CI
f
=
c
1
2
Z C
p
i
i
–3dB
fc
(2)
C =
i
1
2
Z f
p
i
c
(3)
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
For design purposes, the input network (discussed in the next section) should be designed assuming an input
impedance of 8 k
Ω, which is the absolute minimum input impedance of the TPA3122D2. At the higher gain
settings, the input impedance could increase as high as 72 k
Table 1. Gain Setting
AMPLIFIER GAIN (dB)
INPUT IMPEDANCE (k
Ω)
GAIN1
GAIN0
TYPICAL
TYPICAL
0
0
20
60
0
1
26
30
1
0
32
15
1
1
36
9
Changing the gain setting can vary the input resistance of the amplifier from its smallest value, 10 k
Ω ±20%, to
the largest value, 60 k
Ω ±20%. As a result, if a single capacitor is used in the input high-pass filter, the -3 dB or
cutoff frequency may change when changing gain steps.
The -3-dB frequency can be calculated using Equation 1. Use the ZI values given in Table 1.
In the typical application, an input capacitor
I) is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, CI and the input impedance of the amplifier (ZI) form a
high-pass filter with the corner frequency determined in Equation 2.
The value of CI is important, as it directly affects the bass (low-frequency) performance of the circuit. Consider
the example where ZI is 20 kΩ and the specification calls for a flat bass response down to 20 Hz. Equation 2 is
reconfigured as Equation 3.
In this example, CI is 0.4 µF; so, one would likely choose a value of 0.47 µF as this value is commonly used. If
the gain is known and is constant, use ZI from Table 1 to calculate CI. A further consideration for this capacitor is
the leakage path from the input source through the input network
I) and the feedback network to the load. This
leakage current creates a dc offset voltage at the input to the amplifier that reduces useful headroom, especially
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPA3122D2


Numéro de pièce similaire - TPA3122D2N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3122D2N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com