Moteur de recherche de fiches techniques de composants électroniques |
|
ST14C02C-S24 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
ST14C02C-S24 Fiches technique(HTML) 6 Page - STMicroelectronics |
6 / 12 page ST14C02C 6/12 byte Write mode may modify data bytes in an ad- jacent row. (Each row is 8 bytes long). However, the Multibyte Write can properly write up to eight consecutive bytes only if the first address is the first address of the row (the seven following bytes thereby being written to the seven following bytes of this same row). When not connected, the MODE pin is internally pulled to “1” and the multibyte write option is se- lected. Page Write For the Page Write mode, the MODE pin must be held at VIL (as shown in Table 5). The Page Write mode allows up to eight bytes to be written in a sin- gle write cycle, provided that they are all located in the same row. That is, the five most significant memory address bits (A7-A3) must be the same. The master sends between one and eight bytes of data, each of which are acknowledged by the memory. After each byte is transferred, the inter- nal byte address counter is incremented (this han- dles the three least significant address bits). Care must be taken to avoid address counter ‘roll-over’, as this could result in data being overwritten. The transfer is terminated by the master generat- ing a STOP condition. For any write mode, the generation by the master of the STOP condition starts the internal memory program cycle. All in- puts are disabled until the completion of this cycle and the memory will not respond to any request. Minimizing System Delays by Polling On ACK During the internal write cycle, the memory discon- nects itself from the bus, and copies the data from its internal latches to the memory cells. The maxi- mum write time (tw) is indicated in Table 8, but the typical time is shorter. To make use of this, an ACK polling sequence can be used by the master. The sequence, as shown in Figure 7, is as follows: – Initial condition: a Write is in progress. – Step 1: the master issues a START condition followed by a device select byte (first byte of the new instruction). – Step 2: if the memory is busy with the internal write cycle, no ACK will be returned and the master goes back to Step 1. If the memory has terminated the internal write cycle, it responds with an ACK, indicating that the memory is ready to receive the second part of the next in- struction (the first byte of this instruction having been sent during Step 1). Read Operations Read operations are independent of the state of the MODE pin. On delivery, the memory content is set at all “1’s” (FFh). Current Address Read The memory has an internal byte address counter. Each time a byte is read, this counter is increment- ed. For the Current Address Read mode, following a START condition, the master sends a device se- lect with the RW bit set to ‘1’. The memory device acknowledges this, and outputs the byte ad- dressed by the internal byte address counter, as shown in Figure 9. The counter is then increment- ed. The master must not acknowledge the byte output, and terminates the transfer with a STOP condition. Random Address Read A dummy write is performed to load the address into the address counter, as shown in Figure 6. This is followed by another START condition from the master and the device select is repeated with the RW bit set to ‘1’. The memory device acknowl- edges this, and outputs the byte addressed. The master must not acknowledge the byte output, and terminates the transfer with a STOP condition. Table 5. Operating Modes Note: 1. X = VIH or VIL. Mode RW bit MODE 1 Bytes Initial Sequence Current Address Read ‘1’ X 1 START, Device Select, RW = ‘1’ Random Address Read ‘0’ X START, Device Select, RW = ‘0’, Address ‘1’ X 1 reSTART, Device Select, RW = ‘1’ Sequential Read ‘1’ X ≥ 1 Similar to Current or Random Mode Byte Write ‘0’ X 1 START, Device Select, RW = ‘0’ Multibyte Write ‘0’ VIH ≤ 4 START, Device Select, RW = ‘0’ Page Write ‘0’ VIL ≤ 8 START, Device Select, RW = ‘0’ |
Numéro de pièce similaire - ST14C02C-S24 |
|
Description similaire - ST14C02C-S24 |