Moteur de recherche de fiches techniques de composants électroniques |
|
ST14C02C-S42 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
ST14C02C-S42 Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 12 page 7/12 ST14C02C Figure 7. Write Cycle Polling Flowchart using ACK WRITE Cycle in Progress AI02454 Next Operation is Addressing the Memory START Condition DEVICE SELECT with RW = 0 ACK Returned YES NO YES NO ReSTART STOP Proceed WRITE Operation Proceed Random Address READ Operation Send Byte Address First byte of instruction with RW = 0 already decoded by ST14C02C Table 7. Capacitance 1 (TA = 25 °C, f = 100 kHz) Note: 1. Sampled only, not 100% tested. Symbol Parameter Test Condition Min. Max. Unit CIN Input Capacitance (SDA) 8 pF CIN Input Capacitance (other pins) 6 pF tNS Noise suppression Time Con- stant (SCL & SDA Inputs) 100 400 ns Table 6. AC Measurement Conditions Input Rise and Fall Times ≤ 20 ns Input Pulse Voltages 0.2VCC to 0.8VCC Input and Output Timing Reference Voltages 0.3VCC to 0.7VCC Figure 8. AC Testing Input/Output Waveform AI00825 0.8VCC 0.2VCC 0.7VCC 0.3VCC |
Numéro de pièce similaire - ST14C02C-S42 |
|
Description similaire - ST14C02C-S42 |