Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST14C02C-S41 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ST14C02C-S41
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02C-S41 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ST14C02C-S41 Datasheet HTML 4Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 5Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 6Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 7Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 8Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 9Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 10Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 11Page - STMicroelectronics ST14C02C-S41 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
ST14C02C
Table 8. AC Characteristics
(TA = 0 to 70 °C; VCC = 3V to 5.5V)
Note: 1. For a reSTART condition, or following a write cycle.
2. In the Multibyte Write mode only, if the accessed bytes span over two consecutive 8-byte rows (that is, if the 6 most signifi cant
address bits are not constant) the maximum programming time is doubled to 20 ms
Symbol
Alt.
Parameter
ST14C02C
Unit
Min
Max
tCH1CH2
tR
Clock Rise Time
1
µs
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2
tR
SDA Rise Time
1
µs
tDL1DL2
tF
SDA Fall Time
300
ns
tCHDX 1
tSU:STA
Clock High to Input Transition
4.7
µs
tCHCL
tHIGH
Clock Pulse Width High
4
µs
tDLCL
tHD:STA
Input Low to Clock Low (START)
4
µs
tCLDX
tHD:DAT
Clock Low to Input Transition
0
µs
tCLCH
tLOW
Clock Pulse Width Low
4.7
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
250
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
4.0
µs
tDHDL
tBUF
Input High to Input Low (Bus Free)
4.7
µs
tCLQV
tAA
Clock Low to Data Out Valid
3.5
µs
tCLQX
tDH
Data Out Hold Time After Clock Low
300
ns
fC
fSCL
Clock Frequency
100
kHz
tW 2
tWR
Write Time
10
ms
Table 9. DC Characteristics
(TA = 0 to 70 °C; VCC = 3V to 5.5V)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
± 2
µA
ILI
Input Leakage Current (MODE pad)
0V
≤ VIN ≤ VCC
± 10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC = 5 V, fc = 100 kHz
(Rise/Fall time < 10 ns)
2mA
ICC1
Supply Current (Stand-by)
VIN = VSS or VCC , VCC = 5 V
100
µA
VIL
Input Low Voltage (SCL, SDA)
- 0.3
0.3 VCC
V
VIH
Input High Voltage (SCL, SDA)
0.7 VCC
VCC + 1
V
VIL
Input Low Voltage (MODE)
- 0.3
0.5
V
VIH
Input High Voltage (MODE)
VCC - 0.5
VCC + 1
V
VOL
Output Low Voltage
IOL = 3 mA, VCC = 5 V
0.4
V


Numéro de pièce similaire - ST14C02C-S41

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST14C02C STMICROELECTRONICS-ST14C02C Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
More results

Description similaire - ST14C02C-S41

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
logo
Siemens Semiconductor G...
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com