Moteur de recherche de fiches techniques de composants électroniques |
|
ST16 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
ST16 Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 21 page i/iv FSD_CHIPSET_B/0104VP2 CHIP SET INTERFACE SPECIFICATION i DIFFERENCES BETWEEN: FSD_CHIPSET_B/0006VP1 AND FSD_CHIPSET_B/0104VP2 Note: other modifications which are only editorial are not described in this table. DESCRIPTION OF THE MODIFICATION PARAGRAPH ON VP2 Definition modification of the signal Tx-start Chapter 1.2.2 "Interface signals definition", page 2 Modification of the figure 4 Chapter 1.7 "FPGA pin-out & Chip Set Block Diagram", page 8 |
Numéro de pièce similaire - ST16 |
|
Description similaire - ST16 |