Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1284-01T8RL Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ST1284-01T8RL
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284-01T8RL Fiches technique(HTML) 7 Page - STMicroelectronics

  ST1284-01T8RL Datasheet HTML 1Page - STMicroelectronics ST1284-01T8RL Datasheet HTML 2Page - STMicroelectronics ST1284-01T8RL Datasheet HTML 3Page - STMicroelectronics ST1284-01T8RL Datasheet HTML 4Page - STMicroelectronics ST1284-01T8RL Datasheet HTML 5Page - STMicroelectronics ST1284-01T8RL Datasheet HTML 6Page - STMicroelectronics ST1284-01T8RL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ST1284-xxA8/T8
7/7
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Order code
Marking
Package
Weight
Delivery mode
Base qty
ST1284-01A8
ST1284-01
QSOP28
0.147 g
Tube
48
ST1284-01A8RL
ST1284-01
QSOP28
0.147 g
Tape & Reel
2500
ST1284-02A8
ST1284-02
QSOP28
0.147 g
Tube
48
ST1284-02A8RL
ST1284-02
QSOP28
0.147 g
Tape & Reel
2500
ST1284-03A8RL
ST1284-03
QSOP28
0.147 g
Tape & Reel
2500
ST1284-01T8RL
ST1284-01
TSSOP28
0.104 g
Tape & Reel
2500
ST1284-02T8RL
ST1284-02
TSSOP28
0.104 g
Tape & Reel
2500
ST1284-03T8RL
ST1284-03
TSSOP28
0.104 g
Tape & Reel
2500
dim in mm
0.4
7.1
3.7
0.65
1.7
FOOTPRINT (QSOP28 / TSSOP28)
Package General Specifications
Lead Plating
Tin-Lead
Lead Plating
Thickness
7
µm Min
20
µm Max
Lead Material
Copper Alloy
Lead Coplanarity
0.102 mm (0.004")
Body Material
Molded Epoxy
Resine
Meets UL94V.0 standard


Numéro de pièce similaire - ST1284-01T8RL

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
More results

Description similaire - ST1284-01T8RL

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
URCZ1284-XX UTC-URCZ1284-XX Datasheet
231Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15KV ESD PROTECTION
logo
STMicroelectronics
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
   Parallel port single termination network with 짹15 kV ESD protection
logo
California Micro Device...
PACVGA100 CALMIRCO-PACVGA100 Datasheet
75Kb / 5P
   VGA Port ESD Protection and Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
STMicroelectronics
ST1394 STMICROELECTRONICS-ST1394 Datasheet
164Kb / 6P
   IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
October 2004 REV. 2
logo
Exar Corporation
XR33180 EXAR-XR33180 Datasheet
429Kb / 12P
   Receivers with 짹15kV ESD Protection
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
   RC Network with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com