Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPMD685M002H0015 Fiches technique(PDF) 2 Page - AVX Corporation

No de pièce TPMD685M002H0015
Description  Tantalum Ultra Low ESR Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

TPMD685M002H0015 Fiches technique(HTML) 2 Page - AVX Corporation

  TPMD685M002H0015 Datasheet HTML 1Page - AVX Corporation TPMD685M002H0015 Datasheet HTML 2Page - AVX Corporation TPMD685M002H0015 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
36
TPM Multianode
Tantalum Ultra Low ESR Capacitor
CAPACITANCE AND RATED VOLTAGE RANGE
LETTER DENOTES CASE SIZE ESR LIMIT IN BRACKETS
Developmental Ratings - subject to change, AVX reserve rights to change ESR specification prior to release.
*Violet - Please Contact Manufacturer
Released codes (M tolerance only)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
Capacitance
Rated Voltage DC (V
R) to 85°C
µF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
6.8
685
D(200)*
10
106
D(140)*
E(120)
15
156
E(75,100)
22
226
D(65)*
E(75,100)
E(60,100)
33
336
D(60)*
D(75)*
E(50,65)
47
476
D(55)*
E(55,65)
68
686
D(50)*
E(45,55)
V
100
107
E(35,45)
E
150
157
D(45)*
E
E(30,40)
220
227
D(35)
E(25,40)
330
337
D(25,35)
D(25,35)
D(35)
E
E(23,35)
470
477
D(25,35)
D(30)
E(23,30)(M)
E(18,23,30)
680
687
D(25)
D(30)*
E
E(18,23)
E(18,23), V(23)
1000
108
D(25)
D(25)*
E
E(18,23), V(18)
1500
158
E(12,15,18)
E(15,18)
2200
228
E(18)(M)


Numéro de pièce similaire - TPMD685M002H0015

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPMD6870040025 AVX-TPMD6870040025 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
More results

Description similaire - TPMD685M002H0015

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME477K006R0023 AVX-TPME477K006R0023 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
Vishay Siliconix
597D VISHAY-597D Datasheet
449Kb / 2P
   Tantamount짰 Multi-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
Revision: 04-Aug-04
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com