Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT652ANSRG4 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74ABT652ANSRG4
Description  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT652ANSRG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74ABT652ANSRG4 Datasheet HTML 5Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 6Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 7Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 8Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 9Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 10Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 11Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 12Page - Texas Instruments SN74ABT652ANSRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SN54ABT652A, SN74ABT652A
OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS072F – JANUARY 1991 – REVISED MAY 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
SN54ABT652A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
125
200
125
MHz
tPLH
CLK
BorA
2.2
4
5.1
1.7
5.9
ns
tPHL
CLK
B or A
1.7
4
5.1
1.7
5.9
ns
tPLH
AorB
BorA
1.5
3
4.8
1
5
ns
tPHL
A or B
B or A
1.5
3.3
4.6
1
5.6
ns
tPLH
SAB or SBA†
BorA
1.5
4
5.5
1.5
6.8
ns
tPHL
SAB or SBA†
B or A
1.5
3.6
4.9
1.5
6.2
ns
tPZH
OEBA
A
2
3.6
5.4
2
6.8
ns
tPZL
OEBA
A
3
5.7
7.7
3
9.2
ns
tPHZ
OEBA
A
1.5
3.2
5.8
1
7.5
ns
tPLZ
OEBA
A
1.5
3
4.3
1
4.6
ns
tPZH
OEAB
B
2
4.3
6.1
2
7.8
ns
tPZL
OEAB
B
3
5.5
7.4
3
8.9
ns
tPHZ
OEAB
B
1.5
3.3
6
1
8
ns
tPLZ
OEAB
B
1.5
3.4
5
1.5
6.8
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
SN74ABT652A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
125
200
125
MHz
tPLH
CLK
BorA
2.2
4
5.1
2.2
5.6
ns
tPHL
CLK
B or A
1.7
4
5.1
1.7
5.6
ns
tPLH
AorB
BorA
1.5
3
4.3
1.5
4.8
ns
tPHL
A or B
B or A
1.5
3.3
4.6
1.5
5.4
ns
tPLH
SAB or SBA†
BorA
1.5
4
5.1
1.5
6.5
ns
tPHL
SAB or SBA†
B or A
1.5
3.6
4.9
1.5
5.9
ns
tPZH
OEBA
A
2
3.6
4.6
2
5.8
ns
tPZL
OEBA
A
3
5.7
6.8
3
8.5
ns
tPHZ
OEBA
A
1.5
3.2
4.5
1.5
5
ns
tPLZ
OEBA
A
1.5
3
3.8
1.5
4.1
ns
tPZH
OEAB
B
2
4.3
6.1
2
6.5
ns
tPZL
OEAB
B
3
5.5
6.5
3
7.4
ns
tPHZ
OEAB
B
1.5
3.3
4.5
1.5
5.5
ns
tPLZ
OEAB
B
1.5
3.4
4.4
1.5
5.1
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.


Numéro de pièce similaire - SN74ABT652ANSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT652ANSRG4 TI-SN74ABT652ANSRG4 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT652ANSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543_08 Datasheet
447Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com