Moteur de recherche de fiches techniques de composants électroniques |
|
ST10 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
ST10 Fiches technique(HTML) 4 Page - STMicroelectronics |
4 / 58 page ST10F163 4/58 I - INTRODUCTION The ST10F163 is a Flash derivative of the STMicroelectronics ST10 family of 16-bit micro- controllers. It combines high CPU performance (up to 12.5 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. 128KBytes of an electrically eras- able and re-programmable Flash EPROM is pro- vided on-chip. Figure 1 : Logic symbol XTAL1 RSTIN XTAL2 RSTOUT NMI EA READY ALE RD WR/WRL Port 5 6-bit Port 6 8-bit Port 4 8-bit Port 3 15-bit Port 2 8-bit Port 1 16-bit Port 0 16-bit VDD VSS ST10F163 |
Numéro de pièce similaire - ST10 |
|
Description similaire - ST10 |