Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS51412GDR8G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CS51412GDR8G
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51412GDR8G Fiches technique(HTML) 4 Page - ON Semiconductor

  CS51412GDR8G Datasheet HTML 1Page - ON Semiconductor CS51412GDR8G Datasheet HTML 2Page - ON Semiconductor CS51412GDR8G Datasheet HTML 3Page - ON Semiconductor CS51412GDR8G Datasheet HTML 4Page - ON Semiconductor CS51412GDR8G Datasheet HTML 5Page - ON Semiconductor CS51412GDR8G Datasheet HTML 6Page - ON Semiconductor CS51412GDR8G Datasheet HTML 7Page - ON Semiconductor CS51412GDR8G Datasheet HTML 8Page - ON Semiconductor CS51412GDR8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
4
MAXIMUM RATINGS
Pin Name
VMax
VMIN
ISOURCE
ISINK
VIN
40 V
-0.3 V
N/A
4.0 A
BOOST
40 V
-0.3 V
N/A
100 mA
VSW
40 V
-0.6 V/-1.0 V, t < 50 ns
4.0 A
10 mA
VC
7.0 V
-0.3 V
1.0 mA
1.0 mA
SHDNB
7.0 V
-0.3 V
1.0 mA
1.0 mA
SYNC
7.0 V
-0.3 V
1.0 mA
1.0 mA
BIAS
7.0 V
-0.3 V
1.0 mA
50 mA
VFB
7.0 V
-0.3 V
1.0 mA
1.0 mA
GND
7.0 V
-0.3 V
50 mA
1.0 mA
ELECTRICAL CHARACTERISTICS (-40
°C < TJ < 125°C (CS51411E/2E/3E/4E); -40°C < TA < 85°C (CS51411E/2E/3E/4E);
0
°C < TA < 70°C (CS51411G/2G/3G/4G), 4.5 V< VIN < 40 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Oscillator
Operating Frequency
CS51411/CS51412
224
260
296
kHz
Operating Frequency
CS51413/CS51414
446
520
594
kHz
Frequency Line Regulation
-
-
0.05
0.15
%/V
Maximum Duty Cycle
-
85
90
95
%
VFB Frequency Foldback Threshold
-
0.29
0.32
0.36
V
PWM Comparator
Slope Compensation Voltage
CS51411/CS51412, Fix VFB, DVC/DTON
CS51413/CS51414
8.0
25
17
50
26
75
mV/
ms
mV/
ms
Minimum Output Pulse Width
CS51411/CS51412, VFB to VSW
CS51413/CS51414, VFB to VSW
-
-
150
-
300
230
ns
ns
Power Switch
Current Limit
VFB > 0.36 V
1.6
2.3
3.0
A
Foldback Current
VFB < 0.29 V
0.9
1.5
2.1
A
Saturation Voltage
IOUT = 1.5 A, VBOOST = VIN + 2.5 V
0.4
0.7
1.0
V
Current Limit Delay
(Note 4)
-
120
160
ns
Error Amplifier
Internal Reference Voltage
-
1.244
1.270
1.296
V
Reference PSRR
(Note 4)
-
40
-
dB
FB Input Bias Current
-
-
0.02
0.1
mA
Output Source Current
VC = 1.270 V, VFB = 1.0 V
15
25
35
mA
Output Sink Current
VC = 1.270 V, VFB = 2.0 V
15
25
35
mA
Output High Voltage
VFB = 1.0 V
1.39
1.46
1.53
V
Output Low Voltage
VFB = 2.0 V
5.0
20
60
mV
Unity Gain Bandwidth
(Note 4)
-
500
-
kHz
Open Loop Amplifier Gain
(Note 4)
-
70
-
dB
Amplifier Transconductance
(Note 4)
-
6.4
-
mA/V
4. Guaranteed by design, not 100% tested in production.


Numéro de pièce similaire - CS51412GDR8G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51412GDR8G ONSEMI-CS51412GDR8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51412GDR8G ONSEMI-CS51412GDR8G Datasheet
283Kb / 20P
   Low Voltage Buck Regulators
May, 2013 ??Rev. 21
More results

Description similaire - CS51412GDR8G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
   1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
   1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com