Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS51412GDR8 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CS51412GDR8
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51412GDR8 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button CS51412GDR8 Datasheet HTML 2Page - ON Semiconductor CS51412GDR8 Datasheet HTML 3Page - ON Semiconductor CS51412GDR8 Datasheet HTML 4Page - ON Semiconductor CS51412GDR8 Datasheet HTML 5Page - ON Semiconductor CS51412GDR8 Datasheet HTML 6Page - ON Semiconductor CS51412GDR8 Datasheet HTML 7Page - ON Semiconductor CS51412GDR8 Datasheet HTML 8Page - ON Semiconductor CS51412GDR8 Datasheet HTML 9Page - ON Semiconductor CS51412GDR8 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
6
VIN
BIAS
GND
VSW
BOOST
R
S
Q
1.270 V
VFB
+
-
+
-
+
-
-
+
+
-
+
-
-
+
Thermal
Shutdown
Oscillator
1.46 V
1.3 V
5.0
mA
Artificial
Ramp
Output
Driver
Current
Limit Com‐
parator
Frequency
and Current
Limit Foldback
0.32 V
PWM Com‐
parator
IFOLDBACK
IREF
Shutdown
Comparator
2.9 V LDO
Voltage
Regulator
SHDNB
SYNC
VC
Error
Amplifier
Figure 2. Block Diagram


Numéro de pièce similaire - CS51412GDR8

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51412GDR8 ONSEMI-CS51412GDR8 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51412GDR8G ONSEMI-CS51412GDR8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51412GDR8G ONSEMI-CS51412GDR8G Datasheet
283Kb / 20P
   Low Voltage Buck Regulators
May, 2013 ??Rev. 21
More results

Description similaire - CS51412GDR8

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
   1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
   1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com