Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA24S15-40 Fiches technique(PDF) 2 Page - Wall Industries,Inc.

No de pièce CA24S15-40
Description  Ultra Wide Input Voltage Range, Low Profile
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CA24S15-40 Fiches technique(HTML) 2 Page - Wall Industries,Inc.

  CA24S15-40 Datasheet HTML 1Page - Wall Industries,Inc. CA24S15-40 Datasheet HTML 2Page - Wall Industries,Inc. CA24S15-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
25 TO 40 WATTS
CA SERIES
2
WWW
.WALLINDUSTRIES.COM
603 778 2300
Input
Output
Output Over Voltage
Model
Voltage
Voltage
Current
Set-Point
Number
(VDC)
(VDC)
(Amps)
(VDC)
4.5-9
3.3
7.58
5.1
CA5S3.3-25
5
5.0
6.2
CA5S5-25
12
2.0
15
CA5S12-25
15
1.6
18
CA5S15-25
18
1.38
21
CA5S18-25
±5
2.5
6.2
CA5D5-25
±12
1.04
15
CA5D12-25
±15
.83
18
CA5D15-25
9-36
3.3
7.58
5.1
CA24S3.3-25
5
5.0
6.2
CA24S5-25
8.0
6.2
CA24S5-40
12
2.0
15
CA24S12-25
3.3
15
CA24S12-40
15
1.6
18
CA24S15-25
2.66
18
CA24S15-40
18
1.38
21
CA24S18-25
2.22
21
CA24S18-40
±12
1.25
15
CA24D12-30
1.66
15
CA24D12-40
±15
1.0
18
CA24D15-30
1.33
18
CA24D15-40
+5/±12
4.0/±0.42
6.2/15
CA24T12-30
+5/±15
4.0/±0.33
6.2/18
CA24T15-30
18-75
3.3
7.58
5.1
CA48S3.3-25
5
5.0
6.2
CA48S5-25
8.0
6.2
CA48S5-40
12
2.0
15
CA48S12-25
3.3
15
CA48S12-40
15
1.6
18
CA48S15-25
2.66
18
CA48S15-40
18
1.38
21
CA48S18-25
2.22
21
CA48S18-40
±12
1.25
15
CA48D12-30
1.66
15
CA48D12-40
±15
1.0
18
CA48D15-30
1.33
18
CA48D15-40
+5/±12
4.0/±0.42
6.2/15
CA48T12-30
+5/±15
4.0/±0.33
6.2/18
CA48T15-30
55-110
3.3
7.58
5.1
CA74S3.3-25
5
5.0
6.2
CA74S5-25
8.0
6.2
CA74S5-40
12
2.0
15
CA74S12-25
3.3
15
CA74S12-40
15
1.6
18
CA74S15-25
2.66
18
CA74S15-40
18
1.38
21
CA74S18-25
2.22
21
CA74S18-40
±12
1.25
15
CA74D12-30
1.66
15
CA74D12-40
±15
1.0
18
CA74D15-30
1.33
18
CA74D15-40
+5/±12
4.0/±0.42
6.2/15
CA74T12-30
+5/±15
4.0/±0.33
6.2/18
CA74T15-30
PIN CONNECTIONS
Singles
Duals
Triples
Alternate
Pin-Out A
1
Remote
Remote
Remote
2
Case
Case
Case
3
+ Vin
+Vin
+Vin
-Vin
4
- Vin
-Vin
-Vin
+Vin
5
No pin
No pin
No pin
No pin
6
N/C
-Vout
Aux. -Vout
7
N/C
Common
Aux. +Vout
8
Common
Common
Common
9
+Vout
+Vout
+5Vout
10
Trim
Trim
Trim
NOTES:
1. All case and pin to case dimensions reference only unless
otherwise noted.
2. PC pins 0.04” dia x 0.18” long min.; typical nine places.
3. Pin to pin tolerance ±0.01”. Pin dimension tolerance
±0.005”
4. Duals: 25 - 100% load: ±1% and 0-100% load: ±5%.
Triples: 10% min load required on primary output, ±1%.
5. Significant capacitive load may inhibit start-up and opera-
tion, consult factory.
6. For Industrial Temp add suffix “I”.
11/29/01


Numéro de pièce similaire - CA24S15-40

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CA24 MACOM-CA24 Datasheet
359Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
CA24 MA-COM-CA24 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
CA24 MA-COM-CA24 Datasheet
640Kb / 3P
   Cascadable Amplifier
logo
C&K Components
CA24-J1371-07-DQ CK-COMPONENTS-CA24-J1371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA24-J1371-07-HQ CK-COMPONENTS-CA24-J1371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

Description similaire - CA24S15-40

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
logo
MORNSUN Science& Techno...
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
   Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
   Ultra wide input voltage range
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
   Ultra-Wide Input Range
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com