Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM12S15-1000 Fiches technique(PDF) 3 Page - Wall Industries,Inc.

No de pièce DM12S15-1000
Description  Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DM12S15-1000 Fiches technique(HTML) 3 Page - Wall Industries,Inc.

  DM12S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. DM12S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. DM12S15-1000 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DM Series
Single and Dual Output
15 Watt DC/DC Converter
2:1 Wide Input Voltage Range
MECHANICAL DRAWING
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL (Option)
CTRL (Option)
0.400
(10.16)
0.400
(10.16)
0.50
(12.7)
1.00 (25.4)
0.40
(10.2)
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
0.100 (2.54)
0.200 (5.08)
0.22 (5.6)
1 2
3
4
5
6
BOTTOM
VIEW
PIN CONNECTION
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
3
+OUTPUT
+OUTPUT
4
NO PIN
COMMON
5
-OUTPUT
-OUTPUT
6
CTRL (Option)
CTRL (Option)
Recommended Filter for EN55022 Class B Compliance
+Vin
-Vin
+Vout
-Vout
L1
D/D Converter
C1
C4
C3
Load
C2
INPUT
INPUT
1
2
3
4
Recommended EN55022 Class B Filter Circuit Layout
The components used in the Figure 1, together with the manufacturers’ part
numbers for these components, are as follows:
C1
C2
C3
C4
L1
DM12xxx-xxxx 4.7uF/50V
N/A
1000pF/2KV
1000pF/2KV
325uH
Common
Choke
DM24xxx-xxxx 3.3uF/50V
N/A
1000pF/2KV
1000pF/2KV
325uH
Common
Choke
DM48xxx-xxxx 2.2uF/100V 2.2uF/100V
1000pF/2KV
1000pF/2KV
325uH
Common
Choke
FIGURE 1
FIGURE 2
-INPUT
+INPUT
TOP VIEW
DM
SERIES


Numéro de pièce similaire - DM12S15-1000

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
DM12S15-1000 WALL-DM12S15-1000 Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
More results

Description similaire - DM12S15-1000

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com