Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM416C256ALJ-7 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce KM416C256ALJ-7
Description  C-MOS 4M (256K X 16)-BIT DYNAMIC RAM WITH FAST PAGE MODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

KM416C256ALJ-7 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  KM416C256ALJ-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers KM416C256ALJ-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
**********
C-MOS 4M (256K
X 16)-BIT DYNAMIC RAM WITH FAST PAGE MODE
-TOP VIEW-
KM416C256ALJ-7(1/2)
IL00
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DQ1 I/O
DQ2 I/O
DQ3 I/O
DQ4 I/O
DQ5 I/O
DQ6 I/O
DQ7 I/O
DQ8 I/O
W IN
RAS IN
A0 IN
A1 IN
A2 IN
A3 IN
VDD(+5V)
VDD(+5V)
NC
NC
NC
VDD(+5V)
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
DQ16 I/O
DQ15 I/O
DQ14 I/O
DQ13 I/O
DQ12 I/O
DQ11 I/O
DQ10 I/O
DQ9 I/O
LCAS IN
UCAS IN
OE IN
A8 IN
A7 IN
A6 IN
A5 IN
A4 IN
GND
GND
NC
GND
16
17
18
19
22
23
24
25
26
14
29
28
A0
A1
A2
A3
A4
A5
A6
A7
A8
RAS
LCAS
UCAS
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
2
3
4
5
7
8
9
10
31
32
33
34
36
37
38
39
13
WOE
27
A0 - A8
RAS
UCAS
LCAS
W
OE
DQ1 - DQ16
; ADDRESS INPUTS
; ROW ADDRESS STROBE INPUT
; UPPER COLUMN ADDRESS STROBE INPUT
; LOWER COLUMN ADDRESS STROBE INPUT
; READ / WRITE INPUT
; DATA OUTPUT ENABLE INPUT
; DATA INPUTS / OUTPUTS


Numéro de pièce similaire - KM416C256ALJ-7

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

Description similaire - KM416C256ALJ-7

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com