Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C512-15F1 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M27C512-15F1
Description  512 Kbit 64Kb x8 UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-15F1 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button M27C512-15F1 Datasheet HTML 2Page - STMicroelectronics M27C512-15F1 Datasheet HTML 3Page - STMicroelectronics M27C512-15F1 Datasheet HTML 4Page - STMicroelectronics M27C512-15F1 Datasheet HTML 5Page - STMicroelectronics M27C512-15F1 Datasheet HTML 6Page - STMicroelectronics M27C512-15F1 Datasheet HTML 7Page - STMicroelectronics M27C512-15F1 Datasheet HTML 8Page - STMicroelectronics M27C512-15F1 Datasheet HTML 9Page - STMicroelectronics M27C512-15F1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
M27C512
6/22
DEVICE OPERATION
The modes of operations of the M27C512 are list-
ed in the Operating Modes table. A single power
supply is required in the read mode. All inputs are
TTL levels except for GVPP and 12V on A9 for
Electronic Signature.
Read Mode
The M27C512 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, indepen-
dent of device selection. Assuming that the ad-
dresses are stable, the address access time
(tAVQV) is equal to the delay from E to output
(tELQV). Data is available at the output after a delay
of tGLQV from the falling edge of G, assuming that
E has been low and the addresses have been sta-
ble for at least tAVQV-tGLQV.
Standby Mode
The M27C512 has a standby mode which reduces
the active current from 30mA to 100µA The
M27C512 is placed in the standby mode by apply-
ing a CMOS high signal to the E input. When in the
standby mode, the outputs are in a high imped-
ance state, independent of the GVPP input.
Table 2. Operating Modes
Note: X = VIH or VIL, VID = 12V ± 0.5V.
Table 3. Electronic Signature
Two Line Output Control
Because EPROMs are usually used in larger
memory arrays, the product features a 2 line con-
trol function which accommodates the use of mul-
tiple memory connection. The two line control
function allows:
a.
the lowest possible memory power
dissipation,
b.
complete assurance that output bus
contention will not occur.
For the most efficient use of these two control
lines, E should be decoded and used as the prima-
ry device selecting function, while G should be
made a common connection to all devices in the
array and connected to the READ line from the
system control bus. This ensures that all deselect-
ed memory devices are in their low power standby
mode and that the output pins are only active
when data is required from a particular memory
device.
System Considerations
The power switching characteristics of Advanced
CMOS EPROMs require careful decoupling of the
devices. The supply current, ICC, has three seg-
ments that are of interest to the system designer:
the standby current level, the active current level,
and transient current peaks that are produced by
the falling and rising edges of E. The magnitude of
the transient current peaks is dependent on the
capacitive and inductive loading of the device at
the output. The associated transient voltage peaks
can be suppressed by complying with the two line
output control and by properly selected decoupling
capacitors. It is recommended that a 0.1µF ceram-
ic capacitor be used on every device between VCC
and VSS. This should be a high frequency capaci-
tor of low inherent inductance and should be
placed as close to the device as possible. In addi-
Mode
E
GVPP
A9
Q7-Q0
Read
VIL
VIL
X
Data Out
Output Disable
VIL
VIH
XHi-Z
Program
VIL Pulse
VPP
XData In
Program Inhibit
VIH
VPP
XHi-Z
Standby
VIH
XX
Hi-Z
Electronic Signature
VIL
VIL
VID
Codes
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
00100000
20h
Device Code
VIH
00111101
3Dh


Numéro de pièce similaire - M27C512-15F1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C512-15F1 STMICROELECTRONICS-M27C512-15F1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-15F1 STMICROELECTRONICS-M27C512-15F1 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
More results

Description similaire - M27C512-15F1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com