Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1025ZI-28-GT3 Fiches technique(PDF) 2 Page - Catalyst Semiconductor

No de pièce CAT1025ZI-28-GT3
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1025ZI-28-GT3 Fiches technique(HTML) 2 Page - Catalyst Semiconductor

  CAT1025ZI-28-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1025ZI-28-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CAT1024, CAT1025
Doc. No. MD-3008 Rev. O
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
THRESHOLD VOLTAGE OPTION
Part Dash
Number
Minimum
Threshold
Maximum
Threshold
-45
4.50
4.75
-42
4.25
4.50
-30
3.00
3.15
-28
2.85
3.00
-25
2.55
2.70
PIN CONFIGURATION
DIP Package (L)
SOIC Package (W)
TSSOP Package (Y)
MSOP Package (Z)
MR
¯¯¯
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
NC
NC
3
6
SCL
VSS 4
5
SDA
CAT1024
MR
¯¯¯
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
WP
RESET
3
6
SCL
VSS 4
5
SDA
CAT1025
(Bottom View)
TDFN Package: 3mm x 3mm
0.8mm maximum height - (ZD4)
VCC 8
1 MR
¯¯¯
NC 7
2 RESET
¯¯¯¯¯¯
SCL 6
CAT1024
3 NC
SDA 5
4 VSS
VCC 8
1 MR
¯¯¯
WDI 7
2 RESET
¯¯¯¯¯¯
SCL 6
CAT1025
3 RESET
SDA 5
4 VSS
2kbit
DOUT
ACK
SENSEAMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORDADDRESS
BUFFERS
START/STOP
LOGIC
EEPROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGHVOLTAGE/
TIMING CONTROL
VSS
SDA
RESET Controller
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
RESET*
* CAT1025 Only
RESET
MR
WP*


Numéro de pièce similaire - CAT1025ZI-28-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1025ZI-28-GT3 CATALYST-CAT1025ZI-28-GT3 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025ZI-28-GT3 ONSEMI-CAT1025ZI-28-GT3 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025ZI-28-GT3 ONSEMI-CAT1025ZI-28-GT3 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025ZI-28-GT3 ONSEMI-CAT1025ZI-28-GT3 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025ZI-28-GT3 ONSEMI-CAT1025ZI-28-GT3 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results

Description similaire - CAT1025ZI-28-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024_07 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WE-30 ONSEMI-CAT1025WE-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI30 ONSEMI-CAT1025WI30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com