Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCE72010RGCR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCE72010RGCR
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CDCE72010RGCR Datasheet HTML 7Page - Texas Instruments CDCE72010RGCR Datasheet HTML 8Page - Texas Instruments CDCE72010RGCR Datasheet HTML 9Page - Texas Instruments CDCE72010RGCR Datasheet HTML 10Page - Texas Instruments CDCE72010RGCR Datasheet HTML 11Page - Texas Instruments CDCE72010RGCR Datasheet HTML 12Page - Texas Instruments CDCE72010RGCR Datasheet HTML 13Page - Texas Instruments CDCE72010RGCR Datasheet HTML 14Page - Texas Instruments CDCE72010RGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
AC/DC CHARACTERISTICS (CONTINUED)
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
over the specified industrial temperature range of –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVDS Hi Swing Output
fclk
Output frequency
Open loop config. load, seeFigure 3
0
800
MHz
|VOD|
Differential output voltage
RL =100 Ω
270
550
mV
LVDS VOD magnitude
ΔVOD
50
mV
change
VOS
Offset voltage
–40°C to 85°C
1.24
V
ΔVOS
VOS magnitude change
40
mV
Short Circuit VOUT+ to
VOUT = 0
27
mA
ground
Short Circuit VOUT– to
VOUT = 0
27
mA
ground
Reference to output
VCXO at 491.52MHz, Output 1 is divide by
phase offset without using 16 and reference at 30.72MHz. M and N
tpho
(2)
14
ns
available delay
delays are fixed to one value. (Set to 0) PFD:
adjustment
240kHz, (M and N = 128)
tpd(LH)/
Propagation delay time,
Crosspoint to crosspoint, load Figure 3
3.0
ns
tpd(HL)
VCXO_IN to output
Divide by 1 for all dividers
45
Divide by 16 for all dividers
50
tsk(o)
(3)
LVDS output skew
ps
Divide by 1 for divider 1
2800
Divide by 16 for all other dividers
Output capacitance on Y0
CO
VCC = 3.3 V; VO = 0 V or VCC
5
pF
to Y8
CO
Output capacitance on Y9 VCC = 3.3 V; VO = 0 V or VCC
7
pF
Power-down output
IOPDH
VO = VCC
25
µA
current
Power-down output
IOPDL
VO = 0V
5
µA
current
Duty cycle
45
55
%
tr/tf
Rise and fall time
20% to 80% of Voutpp
110
160
190
ps
LVCMOS-TO-LVDS(4)
Output skew between
tskP_C
LVCMOS and LVDS
Crosspoint to VCC/2
0.9
1.4
1.9
ns
outputs
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is valid only for same REF_IN clock and Y output clock frequency. It can be adjusted by the SPI controller (reference delay M and
VCXO delay N).
(3)
The tsk(o) specification is only valid for equal loading of all outputs.
(4)
Operating the LVCMOS or LVPECL outputs above the maximum frequency will not cause a malfunction to the device, but the output
signal swing may no longer meet the output specification. The phase of LVCMOS is lagging in reference to the phase of LVDS.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCE72010


Numéro de pièce similaire - CDCE72010RGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE72010RGCR TI-CDCE72010RGCR Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010RGCRG4 TI-CDCE72010RGCRG4 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
More results

Description similaire - CDCE72010RGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com