Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC4351EE4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC4351EE4
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4351EE4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CD74HC4351EE4 Datasheet HTML 6Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 7Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 8Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 9Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 10Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 11Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 12Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 13Page - Texas Instruments CD74HC4351EE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
Analog Channel Specifications TA = 25oC
PARAMETER
SYMBOL
TEST
CONDITIONS
TYPE
VEE (V)
VCC (V)
HC/HCT
UNITS
Switch Input Capacitance
CI
All
-
-
5
pF
Common Capacitance
CCOM
4351
-
-
25
pF
4352
-
-
12
pF
Minimum Switch Frequency
Response at -3dB
(Figure 6, 8)
fMAX
See Figure 11
(Notes 8, 9)
4351
-
-
145
MHz
4352
-2.25
2.25
165
MHz
4351
-
-
180
MHz
4352
-4.5
4.5
185
MHz
Crosstalk Between Any Two Switches
(Note 11)
See Figure 10
(Notes 9, 10)
4351
-
-
N/A
dB
4352
-2.25
2.25
(TBE)
dB
4351
-
-
N/A
dB
4352
-4.5
4.5
(TBE)
dB
Sine-Wave Distortion
See Figure 12
All
-2.25
2.25
0.035
%
All
-4.5
4.5
0.018
%
E or S to Switch Feedthrough Noise
See Figure 13
(Notes 9, 10)
4351
-
-
-
mV
4352
-2.25
2.25
(TBE)
mV
4351
-
-
-
mV
4352
-4.5
4.5
(TBE)
mV
Switch “OFF” Signal Feedthrough
(Figure 6, 8)
See Figure 14
(Notes 9, 10)
4351
-
-
-73
dB
4352
-2.25
2.25
-65
dB
4351
-
-
-75
dB
4352
-4.5
4.5
-67
dB
NOTES:
8. Adjust input voltage to obtain 0dBm at VOS for, fin = 1MHz.
9. VIS is centered at (VCC - VEE)/2.
10. Adjust input for 0dBm.
11. Not applicable for ’HC4351 and CD74HCT4351.
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352


Numéro de pièce similaire - CD74HC4351EE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC4351EE4 TI-CD74HC4351EE4 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351EE4 TI-CD74HC4351EE4 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results

Description similaire - CD74HC4351EE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com