Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY527 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BY527
Description  Standard Avalanche Sinterglass Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY527 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BY527 Datasheet HTML 1Page - Vishay Siliconix BY527 Datasheet HTML 2Page - Vishay Siliconix BY527 Datasheet HTML 3Page - Vishay Siliconix BY527 Datasheet HTML 4Page - Vishay Siliconix BY527 Datasheet HTML 5Page - Vishay Siliconix BY527 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BY527
Document Number 86007
Rev. 1.6, 14-Apr-05
Vishay Semiconductors
www.vishay.com
1
949539
Standard Avalanche Sinterglass Diode
Features
• Controlled avalanche characteristics
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• High surge current capability
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
General purpose
Mechanical Data
Case: SOD-57 Sintered glass case
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 369 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
BY527
VR = 800 V; IFAV = 2 A
SOD-57
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage, non
repetitive
IR = 100 µAVRSM
1250
V
Reverse voltage
see electrical characteristics
VR
800
V
Peak forward surge current
tp = 10 ms, half sinewave
IFSM
50
A
Repetitive peak forward current
IFRM
12
A
Average forward current
ϕ = 180 °
IFAV
2A
Pulse avalanche peak power
Tj = 175 °C, tp = 20 µs,
half sinus wave
PR
1000
W
Pulse energy in avalanche
mode, non repetitive (inductive
load switch off)
I(BR)R = 1 A, Tj = 175 °C
ER
20
mJ
i2 * t-rating
i2*t
8
A2*s
Junction and storage
temperature range
Tj = Tstg
- 55 to + 175
°C
e2


Numéro de pièce similaire - BY527

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY527 PHILIPS-BY527 Datasheet
46Kb / 7P
   Controlled avalanche rectifier
1996 Jun 11
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
49Kb / 4P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BY527 VISHAY-BY527 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Description similaire - BY527

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com