Moteur de recherche de fiches techniques de composants électroniques |
|
ZY7007LU-T2 Fiches technique(PDF) 5 Page - Power-One |
|
ZY7007LU-T2 Fiches technique(HTML) 5 Page - Power-One |
5 / 35 page ZY7007 7A DC-DC Intelligent POL Data Sheet 3V to 14V Input • 0.5V to 5.5V Output Output Undervoltage Protection Type Default Programmable Non-Latching, 130ms period Latching/Non-Latching Threshold Default Programmable in 5% steps 75 75 85 %VO.SET %VO.SET Threshold Accuracy Measured at VO.SET=2.5V -2 2 %VUVP.SET Delay From instant when threshold is exceeded until the turn-off command is generated 6 μs Overtemperature Protection Type Default Programmable Non-Latching, 130ms period Latching/Non-Latching Turn Off Threshold Temperature is increasing 130 °C Turn On Threshold Temperature is decreasing after the module was shut down by OTP 120 °C Threshold Accuracy -5 5 °C Delay From instant when threshold is exceeded until the turn-off command is generated 6 μs Tracking Protection (when Enabled) Type Default Programmable Disabled Latching/Non-Latching, 130ms period Threshold Enabled during output voltage ramping up ±250 mVDC Threshold Accuracy -50 50 mVDC Delay From instant when threshold is exceeded until the turn-off command is generated 6 μs Overtemperature Warning Threshold Always enabled, reported in Status register 120 °C Threshold Accuracy -5 5 °C Hysteresis 3 °C Delay From instant when threshold is exceeded until the warning signal is generated 6 μs Power Good Signal (PGOOD pin) Logic VOUT is inside the PG window VOUT is outside the PG window High Low N/A Lower Threshold Default Programmable in 5% steps 90 90 95 %VO.SET %VO.SET Upper Threshold 110 %VO.SET Delay From instant when threshold is exceeded until status of PG signal changes 6 μs Threshold Accuracy Measured at VO.SET=2.5V -2 2 %VO.SET ZD-00245 REV. 2.5 www.power-one.com Page 5 of 35 |
Numéro de pièce similaire - ZY7007LU-T2 |
|
Description similaire - ZY7007LU-T2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |